Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C51RC
Description  80C51 Central Processing Unit
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C51RC Datasheet HTML 1Page - NXP Semiconductors P89C51RC Datasheet HTML 2Page - NXP Semiconductors P89C51RC Datasheet HTML 3Page - NXP Semiconductors P89C51RC Datasheet HTML 4Page - NXP Semiconductors P89C51RC Datasheet HTML 5Page - NXP Semiconductors P89C51RC Datasheet HTML 6Page - NXP Semiconductors P89C51RC Datasheet HTML 7Page - NXP Semiconductors P89C51RC Datasheet HTML 8Page - NXP Semiconductors P89C51RC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Philips Semiconductors
Product specification
P89C51RC+/P89C51RD+
80C51 8-bit Flash microcontroller family
32K/64K ISP FLASH with 512–1K RAM
2
1999 Oct 27
853-2149 22593
DESCRIPTION
The 89C51RX+ devices contain a non-volatile FLASH program
memory (up to 64 k bytes in the 89C51RD+) that is both parallel
programmable and Serial In-System Programmable. In-System
Programming allows devices to alter their own program memory, in
the actual end product, under software control. This opens up a
range of applications that can include the ability to field update the
application firmware.
A default serial loader (boot loader) program in ROM allows
In-System serial programming of the FLASH memory without the
need for a loader in the FLASH code. User programs may erase and
reprogram the FLASH memory at will through the use of standard
routines contained in ROM.
These devices are Single-Chip 8-Bit Microcontrollers manufactured
in advanced CMOS process and are derivatives of the 80C51
microcontroller family. All the devices have the same instruction set
as the 80C51.
FLASH/EPROM
Memory Size
(X by 8)
RAM Size
(X by 8)
Programmable
Timer Counter
(PCA)
89C51RC+
32 k
512
Yes
89C51RD+
64 k
1024
Yes
See P89C51RX2 data sheet for devices which do not require a 12 V
programming voltage.
The devices also have four 8-bit I/O ports, three 16-bit timer/event
counters, a multi-source, four-priority-level, nested interrupt
structure, an enhanced UART and on-chip oscillator and timing
circuits. For systems that require extra memory capability up to
64 k bytes, each can be expanded using standard TTL-compatible
memories and logic.
The added features of the P89C51RX+ Family makes them even
more powerful microcontrollers for applications that require pulse
width modulation, high-speed I/O and up/down counting capabilities
such as motor control.
FEATURES
• 80C51 Central Processing Unit
• On-chip FLASH Program Memory with In-System Programming
(ISP) capability
• Boot ROM contains low level FLASH programming routines and a
default serial loader
• Speed up to 33 MHz
• Full static operation
• RAM expandable externally to 64 k bytes
• 4 level priority interrupt
• 7 interrupt sources, depending on device
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
• Programmable clock out
• Second DPTR register
• Asynchronous port reset
• Low EMI (inhibit ALE)
• Watchdog timer
ORDERING INFORMATION
MEMORY SIZE
32 k
× 8
MEMORY SIZE
64 k
× 8
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
P89C51RC+IN
P89C51RD+IN
0 to +70,
40-Pin Plastic Dual In-line Pkg.
5 V
0 to 33
SOT129-1
P89C51RC+IA
P89C51RD+IA
0 to +70,
44-Pin Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
P89C51RC+IB
P89C51RD+IB
0 to +70,
44-Pin Plastic Quad Flat Pack
5 V
0 to 33
QFP441
P89C51RC+JN
P89C51RD+JN
–40 to +85,
40-Pin Plastic Dual In-line Pkg.
5 V
0 to 33
SOT129-1
P89C51RC+JA
P89C51RD+JA
–40 to +85,
44-Pin Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
P89C51RC+JB
P89C51RD+JB
–40 to +85,
44-Pin Plastic Quad Flat Pack
5 V
0 to 33
QFP441
NOTE:
1. SOT not assigned for this package outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com