Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1605U/7 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA1605U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1605U/7 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA1605U/7 Datasheet HTML 1Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 2Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 3Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 4Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 5Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 6Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 7Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 8Page - NXP Semiconductors PCA1605U/7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Dec 12
2
Philips Semiconductors
Product specification
32 kHz watch circuits with EEPROM
PCA16xx series
FEATURES
• 32 kHz oscillator, amplitude regulated with excellent
frequency stability
• High immunity of the oscillator to leakage currents
• Time calibration electrically programmable and
reprogrammable (via EEPROM)
• A quartz crystal is the only external component required
• Very low current consumption; typically 170 nA
• Detector for silver-oxide or lithium battery voltage levels
• Indication for battery end-of-life
• Stop function for accurate timing
• Power-on reset for fast testing
• Various test modes for testing the mechanical parts of
the watch and the IC.
GENERAL DESCRIPTION
The PCA16xx series devices are CMOS integrated circuits
specially suited for battery-operated,
quartz-crystal-controlled wrist-watches, with bipolar
stepping motors.
ORDERING INFORMATION
Note
1. Figure 1 and Chapter “Package outline” show details of standard package, available for specified devices and for
large orders only.
Chapter “Chip dimensions and bonding pad locations” shows exact pad locations for other delivery formats.
TYPE
NUMBER
PACKAGE(1)
NAME
DESCRIPTION
VERSION
PCA1601U/10
−
chip on foil
−
PCA1602T
PMFP8
plastic micro flat package; 8 leads (straight)
SOT144-1
PCA1603U/7
−
chip with bumps on tape
−
PCA1604U
−
chip in tray
−
PCA1604U/10
−
chip on foil
−
PCA1605U/7
−
chip with bumps on tape
−
PCA1606U/10
−
chip on foil
−
PCA1607U
−
chip in tray
−
PCA1608U
−
chip in tray
−
PCA1611U
−
chip in tray
−
PCA1621U/7
−
chip with bumps on tape
−
PCA1621U/10
−
chip on foil
−
PCA1622U
−
chip in tray
−
PCA1623U/7
−
chip with bumps on tape
−
PCA1624U
−
chip in tray
−
PCA1625U/7
−
chip with bumps on tape
−
PCA1626U
−
chip in tray
−
PCA1627U/7
−
chip with bumps on tape
−
PCA1628U
−
chip in tray
−
PCA1629U/7
−
chip with bumps on tape
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com