Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH6519FS Datasheet(PDF) 2 Page - Rohm

Part # BH6519FS
Description  4-channel PWM driver for CD, MD player
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6519FS Datasheet(HTML) 2 Page - Rohm

  BH6519FS Datasheet HTML 1Page - Rohm BH6519FS Datasheet HTML 2Page - Rohm BH6519FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
3
2
4
5
6
7
9
8
10
11
12
13
14
15
16
1
3
2
4
5
6
7
9
8
10
11
12
13
14
15
16
32
30
31
29
28
27
26
24
25
23
22
21
20
19
18
17
32
30
31
29
28
27
26
24
25
23
22
21
20
19
18
17
H bridge supply current
—
—
—
—
8.8
7.9
VDD—0.6
410
100
110
—
9.95
8.5
—
580
210
220
1
12
11
—
µA
µA
µA
µA
V
V
V
IMST
IDD1
IDD2
IDD3
VGST
VGA
VIH
No input
Control circuit supply current
No input
Operating
PSB
Pre drive supply voltage (Charge pump output)
No input
Operating
'H' level input voltage
VDD=3V, VM=5V
IDD1+4CH simultaneous drive
4CH simultaneous drive
Logic input characteristic
Electrical characteristics
Block Diagram
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
'L' level input voltage
VIL
—
—
—1
—
—
—
150
150
—
—
—
1.2
0.2
0.2
—
370
0.6
1
—
2.0
1
1
—
520
V
µA
µA
Ω
µsec
µsec
nsec
kHz
IIH
IIL
RON
tRISE
tFALL
tMIN
fosc
'H' level input current
'L' level input current
Output ON resistance
Output propagation
delay time
Minimum output pulse width
Oscillation frequency
ON resistance (Top+bottom)
VM=2.5V, VDD=3V, VG=10V
(VG is supplied outside.)
Output pulse width: More than 2/3tMIN
31PIN waveform monitor
(Unless otherwise noted; Ta=25˚C, VM=5V, VDD=3V, VG=Built-in step-up output, fIN=176kHz, RL=8
Ω—47µH)
VDD
INTER-
FACE2
PREDRIVE2
PREDRIVE4
PREDRIVE1
PREDRIVE3
INTER-
FACE1
INTER-
FACE4
INTER-
FACE3
PSB
TSD
CHARGE
PUMP
INTER-
FACE1
TSD
BH6519FS
∗This product is not designed for protection against radioactive rays.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com