Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366CBP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P83C366CBP
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366CBP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P83C366CBP Datasheet HTML 17Page - NXP Semiconductors P83C366CBP Datasheet HTML 18Page - NXP Semiconductors P83C366CBP Datasheet HTML 19Page - NXP Semiconductors P83C366CBP Datasheet HTML 20Page - NXP Semiconductors P83C366CBP Datasheet HTML 21Page - NXP Semiconductors P83C366CBP Datasheet HTML 22Page - NXP Semiconductors P83C366CBP Datasheet HTML 23Page - NXP Semiconductors P83C366CBP Datasheet HTML 24Page - NXP Semiconductors P83C366CBP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
1999 Mar 10
21
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
10.5
Data Shift Register (S1DAT)
S1DAT contains the serial data to be transmitted or data that has just been received. Bit 7 is transmitted or received first.
Table 13 Data Shift Register (SFR address DAH)
10.6
Slave Address Register (S1ADR)
This 8-bit register may be loaded with the 7-bit slave address to which the controller will respond when programmed as
slave receiver/transmitter. The LSB bit (GC) is used to determine whether the general CALL address is recognized.
Table 14 Slave Address Register (SFR address DBH)
Table 15 Description of S1ADR bits
10.7
Internal Status Register (S1IST)
S1IST is an 8-bit read-only Special Function Register and will exist in the design but is not mapped for the user.
Table 16 Internal Status Register (SFR address DCH)
10.8
I2C-bus Control Register (I2CCON)
Table 17 I2C-bus Control Register (SFR address 86H)
Table 18 Description of I2CCON bits
76543210
D7
D6
D5
D4
D3
D2
D1
D0
76543210
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
GC
BIT
SYMBOL
DESCRIPTION
7 to 1
SLA6 to
SLA0
Own slave address.
0
GC
When GC = 0, the general CALL address is not recognized. When GC = 1, the general
CALL address is recognized.
76543210
MST
TRX
BB
FB
ARL
SEL
AD0
SHRA
76543210
−−−−−
I2CE
−−
BIT
SYMBOL
DESCRIPTION
7to3
−
These 5 bits are not used.
2I2CE
I2C-bus enable. This bit selects the functions of pins 39 and 40 for the SDIP42 package
(or pins 64 and 65 for the PLCC68 package). When I2CE = 1, the alternative functions
SCL and SDA are selected. When I2CE = 0, these pins act as port lines P1.5 and P1.6.
1to0
−
These bits are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com