Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG3G503C01 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PVG3G503C01
Description  SMD Sealed Type Single-Turn PVG3 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PVG3G503C01 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PVG3G503C01 Datasheet HTML 1Page - Bourns Electronic Solutions PVG3G503C01 Datasheet HTML 2Page - Bourns Electronic Solutions PVG3G503C01 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Sealed Type Single-Turn PVG3 Series
#2 (Wiper)
#1
#3
Clockwise
Circuit
PVG3A
PVG3G
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PVG3A100C01
PVG3A200C01
PVG3A500C01
0.25 (70 °C)
1 (210 ° ±10 °)
50 ohm ± 20%
±150
0.25 (70 °C)
1 (210 ° ±10 °)
10 ohm ± 20%
±150
0.25 (70 °C)
1 (210 ° ±10 °)
20 ohm ± 20%
±150
PVG3A101C01
0.25 (70 °C)
1 (210 ° ±10 °)
100 ohm ± 20%
±150
PVG3A201C01
0.25 (70 °C)
1 (210 ° ±10 °)
200 ohm ± 20%
±150
PVG3A501C01
0.25 (70 °C)
1 (210 ° ±10 °)
500 ohm ± 20%
±150
PVG3A102C01
0.25 (70 °C)
1 (210 ° ±10 °)
1k ohm ± 20%
±150
PVG3A202C01
0.25 (70 °C)
1 (210 ° ±10 °)
2k ohm ± 20%
±150
PVG3A502C01
0.25 (70 °C)
1 (210 ° ±10 °)
5k ohm ± 20%
±150
PVG3A103C01
0.25 (70 °C)
1 (210 ° ±10 °)
10k ohm ± 20%
±150
PVG3A203C01
0.25 (70 °C)
1 (210 ° ±10 °)
20k ohm ± 20%
±150
PVG3A503C01
0.25 (70 °C)
1 (210 ° ±10 °)
50k ohm ± 20%
±150
PVG3A104C01
0.25 (70 °C)
1 (210 ° ±10 °)
100k ohm ± 20%
±150
PVG3A204C01
0.25 (70 °C)
1 (210 ° ±10 °)
200k ohm ± 20%
±150
PVG3A504C01
0.25 (70 °C)
1 (210 ° ±10 °)
500k ohm ± 20%
±150
PVG3A105C01
0.25 (70 °C)
1 (210 ° ±10 °)
1M ohm ± 20%
±150
PVG3A205C01
0.25 (70 °C)
1 (210 ° ±10 °)
2M ohm ± 20%
Mechanical Rotation
Angle
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
±150
Operating Temperature Range: -55 to +125 °C
Top Adjustment (Standard J-Hook Style)
Trimmer Potentiometers
Soldering Method: Reflow / Soldering Iron
PVG3.pdf
01/17
Features
1. Surface Mount 3 mm Square / Single-turn / Cermet / Sealed
2. Available in J-hook and gull-wing pin styles
3. 3 mm design meets EIA/EIAJ/IPC/VECI SMD standard
trimmer footprint
5. Metal cover for thermal protection/heat transfer
4. RoHS compliant*
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
6. For trimmer applications/processing guidelines,
click here
0.25
(.010)
TOLERANCES: ±
EXCEPT WHERE NOTED
3.6
(.142)
2
2.0
(.079)
2.3
(.091)
3.4
(.134)
3
1
ADJ. SLOT
2.2
(.087)
.45
(.018)
.40
(.016)
WIDE
X
X
DEEP
DIA.
0.1
(.004)
MIN.
0.6
(.024)
0.75 ± 0.15
(.030 ± .006)
1.00 ± 0.15
(.039 ± .006)
2.8
(.108)
3.6
(.142)
3.6
(.142)
2
2.3
(.091)
3.4
(.134)
3
1
ADJ. SLOT
2.2
(.087)
.45
(.018)
.40
(.016)
WIDE
X
X
DEEP
DIA.
2.0
(.079)
0.1
(.004)
MIN.
0.75 ± 0.15
(.030 ± .006)
1.00 ± 0.15
(.039 ± .006)
2.7
(.106)
4.5
(.177)


Similar Part No. - PVG3G503C01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVG3G503C01B00 MURATA-PVG3G503C01B00 Datasheet
193Kb / 3P
Inductance
logo
Murata Manufacturing Co...
PVG3G503C01B00 MURATA1-PVG3G503C01B00 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG3G503C01B00 MURATA1-PVG3G503C01B00_V01 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
logo
Murata Manufacturing Co...
PVG3G503C01R00 MURATA-PVG3G503C01R00 Datasheet
191Kb / 3P
Inductance
logo
Murata Manufacturing Co...
PVG3G503C01R00 MURATA1-PVG3G503C01R00 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results

Similar Description - PVG3G503C01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3335 BOURNS-3335 Datasheet
352Kb / 1P
SMD 5MM SQUARE/SINGLE-TURN CERMET/INDUSTRIAL/SEALED
logo
Copal Electronics
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
J_SERIES COPAL-J_SERIES Datasheet
87Kb / 2P
WIREWOUND SINGLE TURN TYPE
JC_SERIES COPAL-JC_SERIES Datasheet
83Kb / 3P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JP-30 COPAL-JP-30 Datasheet
87Kb / 2P
CERMET SINGLE TURN TYPE
JP-30B COPAL-JP-30B Datasheet
88Kb / 2P
CERMET SINGLE TURN TYPE
logo
Bourns Electronic Solut...
PVF2A204A1AR03 BOURNS-PVF2A204A1AR03 Datasheet
335Kb / 2P
SMD Sealed Type Single-Turn PVF2 Series
PV32 BOURNS-PV32 Datasheet
908Kb / 4P
Lead Sealed Type Single-turn
logo
Copal Electronics
ST4TB104 COPAL-ST4TB104 Datasheet
278Kb / 7P
SINGLE TURN SURFACE MOUNT TYPE TRIMMERS SINGLE TURN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com