Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L239 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L239
Description  Fast Recovery Epitaxial Diode (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L239 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L239 Datasheet HTML 1Page - List of Unclassifed Manufacturers L239 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
RRM
Type
V
V
200
200
DSEI 60-02A
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
98
A
I
FAVM ÿÿ
x
T
C = 85°C; rectangular, d = 0.5
69
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
800
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
600
A
t = 8.3 ms (60 Hz), sine
650
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
540
A
t = 8.3 ms (60 Hz), sine
580
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1800
A2s
t = 8.3 ms (60 Hz), sine
1770
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
1460
A2s
t = 8.3 ms (60 Hz), sine
1410
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
150
W
M
d
Mounting torque
0.8...1.2
Nm
Weight
6g
Symbol
Test Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
50
mA
T
VJ = 25°CVR
= 0.8 • V
RRM
40
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
11
mA
V
F
I
F = 60 A;
T
VJ = 150°C
0.88
V
T
VJ =
25
°C
1.08
V
V
T0
For power-loss calculations only
0.70
V
r
T
T
VJ = TVJM
4.0
m
W
R
thJC
0.75
K/W
R
thCK
0.25
K/W
R
thJA
35
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V; TVJ = 25°C35
50
ns
I
RM
V
R = 100 V;
I
F = 60 A; -diF/dt = 200 A/ms
8
10
A
L
£ 0.05 mH; T
VJ = 100°C
DSEI 60
I
FAVM
= 69 A
V
RRM =
200 V
t
rr
= 35 ns
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Fast Recovery
Epitaxial Diode (FRED)
A
C
Features
q
International standard package
JEDEC TO-247 AD
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
Applications
q
Antiparallel diode for high frequency
switching devices
q
Anti saturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
TO-247 AD
C
C
A
A = Anode, C = Cathode


Similar Part No. - L239

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L239B STMICROELECTRONICS-L239B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
logo
List of Unclassifed Man...
L239EGW ETC-L239EGW Datasheet
85Kb / 3P
2 X 5mm BI-COLOR RECTANGULAR LED LAMP
logo
Multicomp Pro
L239PURXGW MULTICOMP-L239PURXGW Datasheet
549Kb / 3P
Multicolor LED
30/08/24 V1.0
More results

Similar Description - L239

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com