Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1004 Datasheet(PDF) 2 Page - IMP, Inc

Part # C1004
Description  Process C1004
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1004 Datasheet(HTML) 2 Page - IMP, Inc

  C1004 Datasheet HTML 1Page - IMP, Inc C1004 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18
C1004-4-98
Physical Characteristics
VGS = 5.0V
VGS = 4.0V
VGS = 3.0V
VGS = 2.0V
VGS = 1.0V
0
5.0
35.0
28.0
21.0
14.0
1.0
2.0
3.0
4.0
ID vs VD, W/L = 20/1.2
N-ch Transistor IV Characteristics of a 20/1.2 device
7.0
0
Drain Voltage (V) V
DS
VGS = –5.0V
VGS = –4.0V
VGS = –3.0V
VGS = –2.0V
0
–5.0
–15.0
–12.0
–9.0
–6.0
–1.0
–2.0
–3.0
–4.0
ID vs VD, W/L = 20/1.2
P-ch Transistor IV Characteristics of a 20/1.2 device
–3.0
0
Drain Voltage (V) V
DS
Starting Material
P <100>
N+/P+ Width/Space
2.0 / 1.2
µm
Starting Mat. Resistivity
7-8.5
Ω-cm
N+ To P+ Space
7.0
µm
Typ. Operating Voltage
5V
Contact To Poly Space
0.8
µm
Well Type
N-well
Contact Overlap Of Diffusion
0.7
µm
Metal Layers
2
Contact Overlap Of Poly
0.7
µm
Poly Layers
1
Metal-1 Overlap Of Contact
0.7
µm
Contact Size
1.2x1.2
µm
Metal-1 Overlap Of Via
0.7
µm
Via Size
1.2x1.2
µm
Metal-2 Overlap Of Via
0.7
µm
Metal-1 Width/Space
1.4 / 1.2
µm
Minimum Pad Opening
65x65
µm
Metal-2 Width/Space
2.0 / 1.4
µm
Minimum Pad-to-Pad Spacing
5.0
µm
Gate Poly Width/Space
1.0 / 1.4
µm
Minimum Pad Pitch
80.0
µm
Metal 2
Metal 1
SIO2
LTO
n+
n+
p
n+
p+
p
Field Oxide
N-well
p+ substrate
p–epi
p+
p+
LTO
Process C1004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com