Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD526CD Datasheet(PDF) 13 Page - Analog Devices

Part # AD526CD
Description  Software Programmable Gain Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526CD Datasheet(HTML) 13 Page - Analog Devices

Back Button AD526CD Datasheet HTML 7Page - Analog Devices AD526CD Datasheet HTML 8Page - Analog Devices AD526CD Datasheet HTML 9Page - Analog Devices AD526CD Datasheet HTML 10Page - Analog Devices AD526CD Datasheet HTML 11Page - Analog Devices AD526CD Datasheet HTML 12Page - Analog Devices AD526CD Datasheet HTML 13Page - Analog Devices AD526CD Datasheet HTML 14Page - Analog Devices AD526CD Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD526
REV. D
–12–
FLOATING-POINT CONVERSION
High resolution converters are used in systems to obtain high
accuracy, improve system resolution or increase dynamic range.
There are a number of high resolution converters available with
throughput rates of 66.6 kHz that can be purchased as a single
component solution; however in order to achieve higher through-
put rates, alternative conversion techniques must be employed.
A floating point A/D converter can improve both throughput
rate and dynamic range of a system.
In a floating point A/D converter (Figure 42), the output data is
presented as a 16-bit word, the lower 12 bits from the A/D
converter form the mantissa and the upper 4 bits from the digi-
tal signal used to set the gain form the exponent. The AD526
programmable gain amplifier in conjunction with the compara-
tor circuit scales the input signal to a range between half scale
and full scale for the maximum usable resolution.
The A/D converter diagrammed in Figure 42 consists of a pair
of AD585 sample/hold amplifiers, a flash converter, a five-range
programmable gain amplifier (the AD526) and a fast 12-bit A/D
converter (the AD7572). The floating-point A/D converter
achieves its high throughput rate of 125 kHz by overlapping the
acquisition time of the first sample/hold amplifier and the set-
tling time of the AD526 with the conversion time of the A/D
converter. The first sample/hold amplifier holds the signal for
the flash autoranger, which determines which binary quantum
the input falls within, relative to full scale. Once the AD526 has
settled to the appropriate level, then the second sample/hold
amplifier can be put into hold which holds the amplified signal
while the AD7572 perform its conversion routine. The acquisi-
tion time for the AD585 is 3
µs, and the conversion time for the
AD7572 is 5
µs for a total of 8 µs, or 125 kHz. This performance
relies on the fast settling characteristics of the AD526 after the
flash autoranging (comparator) circuit quantizes the input sig-
nal. A 16-bit register holds the 3-bit output from the flash autor-
anger and the 12-bit output of the AD7572.
The A/D converter in Figure 42 has a dynamic range of 96 dB.
The dynamic range of a converter is the ratio of the full-scale
input range to the LSB value. With a floating-point A/D con-
verter the smallest value LSB corresponds to the LSB of the
monolithic converter divided by the maximum gain of the PGA.
The floating point A/D converter has a full-scale range of 5 V, a
maximum gain of 16 V/V from the AD526 and a 12-bit A/D
converter; this produces:
LSB = ([FSR/2
N]/Gain) = ([5 V/4096]/16) = 76
µV. The
dynamic range in dBs is based on the log of the ratio of the
full-scale input range to the LSB; dynamic range = 20 log
(5 V/76
µV) = 96 dB.
74–
LS174
74–
LS174
74–
LS174
AD7572
LSB
MSB
VIN
1/6
56
+
+
+
+
10k
S/H
AD585
2.5MHz
+
+
1 s
1/6
3
4
1/6
1
2
AD526
VIN
B
F
S
A0 A1 A2
+
+
10k
S/H
AD585
74-
123
1/2
CLOCK
125MHz
LM339A
1/4
10k
10k
10k
10k
1/4
1/4
1/4
1/4
+5V
1/6
+
+15V
–15V
10 F
AD588
10 F
+15V
–15V
+5V
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
E1
E2
E3
68pF
68pF
BUSY
47 F
10 F
10 F
+15V
–15V
10 F
10 F
+15V
–15V
10 F
+5V
+5V
50k
30pF
+5V
10 F
+15V
–15V
10 F
VIN
+5V
10 F
10k
+5VREF
5k
2.5k
1.25k
1.25k
1 F
1
2
4
5
9
10
3
6
8
12
13
11
1
2
3
11
10
74ALS86
A0
A1
A2
NOTE: ALL BYPASS CAPACITORS ARE 0.1 F
Figure 42. Floating-Point A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com