Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC494LP3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC494LP3
Description  Point-to-Point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC494LP3 Datasheet(HTML) 3 Page - Analog Devices

  HMC494LP3 Datasheet HTML 1Page - Analog Devices HMC494LP3 Datasheet HTML 2Page - Analog Devices HMC494LP3 Datasheet HTML 3Page - Analog Devices HMC494LP3 Datasheet HTML 4Page - Analog Devices HMC494LP3 Datasheet HTML 5Page - Analog Devices HMC494LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 3
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
note: Divider will operate over full voltage range shown above
rF input (vcc = +5v)
+13 dBm
supply voltage (vcc1, vcc2)
+5.5v
channel temperature (tc)
135 °c
continuous Pdiss (t = 85 °c)
(derate 11.9 mW/° c above 85 °c)
593 mW
thermal resistance (r
tH)
(junction to ground paddle)
84 °c/W
storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
esD sensitivity (HBM)
class 1A
vcc1, vcc2 (v)
icc (mA)
4.75
90
5.0
103
5.25
115
-500
-300
-100
100
300
500
22.7
23.1
23.5
23.9
24.3
24.7
TIME (nS)
eLectrostAtic sensitive Device
oBserve HAnDLinG PrecAutions
notes:
1. LeADFrAMe MAteriAL: coPPer ALLoy
2. DiMensions Are in incHes [MiLLiMeters]
3. LeAD sPAcinG toLerAnce is non-cuMuLAtive
4. PAD Burr LenGtH sHALL Be 0.15mm MAXiMuM.
PAD Burr HeiGHt sHALL Be 0.05mm MAXiMuM.
5. PAcKAGe WArP sHALL not eXceeD 0.05mm.
6. ALL GrounD LeADs AnD GrounD PADDLe Must Be
soLDereD to PcB rF GrounD.
7. reFer to Hittite APPLicAtion note For suGGesteD
LAnD PAttern.
Part number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMc494LP3
Low stress injection Molded Plastic
sn/Pb solder
MsL1
[1]
494
XXXX
HMc494LP3e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
494
XXXX
[1] Max peak reflow temperature of 235 °c
[2] Max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information
HMC494LP3 / 494LP3E
SMT GaAs HBT MMIC
DIVIDE-BY-8, DC - 18 GHz
v05.1211
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com