Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP-RX-02N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CDP-RX-02N
Description  UHF Narrow Band Multi Channel Transmitter/Receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CDP-RX-02N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CDP-RX-02N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CIRCUIT DESIGN, INC. International Business Division
Feature
Application
Remote control systems
Security systems
Alarms
Telemetry systems
European EN300-220 compliance
32 frequency synthesized RF channels
5mW/10mW selectable
Low voltage operation
High sensitivity 300m range
FM narrow band modulation and
high frequency stability
Common
Item
Communication form
Oscillation system
Frequency range
Number of RF channels
Channel step
Frequency stability
Baud rate
Operating temp. range
Transmitter type
RF output power
Transmitter start up time
Modulation
Data input level
Input signal
Deviation
Spurious emission
Adjacent channel power
Supply voltage
Supply current
Dimensions
Weight
Receiver type
Sensitivity
Selectivity
Demodulation
Distortion
S/N ratio
Data output
Supply Voltage
Supply current
Dimensions
Weight
Specification
One way
PLL controlled VCO
433.875MHz to 434.650MHz
32 ch
25kHz
+/-2.5kHz (-10 to +55 degree C)
300 to 4800bps
-10 - +60 degree C
PLL synthesizer
10mW/5mW
80msec
FM Narrow
2.2 - 12V
Digital
2.0kHz
<-60dBm (< 862MHz) , <-46dBm (
>= 862MHz)
<200nW
2.4 - 12V DC
30mA (typ)
36 X 26 X 10 mm
12.5g
Double Superheterodyne PLL synthesizer
-120dBm (12dB/SINAD at CCITT filter)
+/-7.5kHz at -6dB point
FM Narrow
<3% at 1kHz
35dB overall (AF out)
Digital
3.6 to 12V DC
26mA (typ)
50 X 30 X 9mm
19g
UHF Narrow Band Multi Channel Transmitter/Receiver
CDP-TX-02N/ CDP-RX-02N
The unique and compact CDP-02N is a frequency selectable radio data module for 434MHz UHF band. Both
CDP-TX-02N (transmitter) and CDP-RX-02N (receiver) are equipped by frequency synthesizer system with
microprocessor. Frequency range of CDP-02N is from 433.875MHz to 434.650MHz in 32 channels which are
selectable by the use of an onboard 4 bits switch.
Small size, low voltage operation and frequency selectability of CDP-02N make it ideal for various applications in
sites where many radio transmitters are operated.
CDP-TX-02N
(Transmitter)
CDP-RX-02N
(Receiver)
Specifications are subject to change without prior notice
Im Gree 79, CH-8566 Ellighausen, Fon +41(71)698 6480, Fax +41(71)698 6481, e-mail: info@wirelessworldag.ch, www.wirelessworldag.com


Similar Part No. - CDP-RX-02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDP-RX-02 ETC2-CDP-RX-02 Datasheet
2Mb / 16P
UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE
More results

Similar Description - CDP-RX-02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
VHF Narrow Band FM multi channel radio Transmitter & Receiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
HVR2 RADIOMETRIX-HVR2 Datasheet
420Kb / 7P
UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
UHF Narrow Band FM Low Cost multi channel
MTX2 RADIOMETRIX-MTX2 Datasheet
315Kb / 10P
UHF Narrow Band FM sub-miniature transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
UHF Narrow Band FM Transmitter & Receiver
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
Narrow Band FM Multi-channel UHF Transceiver
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com