Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YR Datasheet(PDF) 29 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 25Page - Analog Devices AD8137YR Datasheet HTML 26Page - Analog Devices AD8137YR Datasheet HTML 27Page - Analog Devices AD8137YR Datasheet HTML 28Page - Analog Devices AD8137YR Datasheet HTML 29Page - Analog Devices AD8137YR Datasheet HTML 30Page - Analog Devices AD8137YR Datasheet HTML 31Page - Analog Devices AD8137YR Datasheet HTML 32Page - Analog Devices AD8137YR Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AD8137
Data Sheet
Rev. E | Page 28 of 32
AD8137
+
–
1nF
1nF
VOCM
VS–
VS+
V+
1.0k
Ω
1.0k
Ω
20kHz
33
Ω
33
Ω
499
Ω
499
Ω
+2.5
AD7687
GND
VDD
VIN
GND
BPF
Figure 69. AD8137 Driving AD7687, 16-Bit 250 KSPS ADC
FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
0
40
20
60
120
100
80
140
THD = –93.63dBc
SNR = 91.10dB
SINAD = 89.74dB
ENOB = 14.6
Figure 70. AD8137 Performance on Single 5 V Supply, −1.82 dBFS
FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
0
40
20
60
120
100
80
140
THD = –91.75dBc
SNR = 91.35dB
SINAD = 88.75dB
ENOB = 14.4
Figure 71. AD8137 Performance on +6 V, −1 V Supplies, −0.45 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com