Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD627ARZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD627ARZ-R7 Datasheet HTML 1Page - Analog Devices AD627ARZ-R7 Datasheet HTML 2Page - Analog Devices AD627ARZ-R7 Datasheet HTML 3Page - Analog Devices AD627ARZ-R7 Datasheet HTML 4Page - Analog Devices AD627ARZ-R7 Datasheet HTML 5Page - Analog Devices AD627ARZ-R7 Datasheet HTML 6Page - Analog Devices AD627ARZ-R7 Datasheet HTML 7Page - Analog Devices AD627ARZ-R7 Datasheet HTML 8Page - Analog Devices AD627ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD627
Rev. E | Page 3 of 24
SPECIFICATIONS
SINGLE SUPPLY
Typical at 25°C single supply, VS = 3 V and 5 V, and RL = 20 kΩ, unless otherwise noted.
Table 1.
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = +5 + (200 kΩ/RG)
Gain Range
5
1000
5
1000
V/V
Gain Error1
VOUT = (−VS) + 0.1 to (+VS) − 0.15
G = +5
0.03
0.10
0.01
0.06
%
G = +10
0.15
0.35
0.10
0.25
%
G = +100
0.15
0.35
0.10
0.25
%
G = +1000
0.50
0.70
0.25
0.35
%
Nonlinearity
G = +5
10
100
10
100
ppm
G = +100
20
100
20
100
ppm
Gain vs. Temperature1
G = +5
10
20
10
20
ppm/°C
G > +5
−75
−75
ppm/°C
VOLTAGE OFFSET
Input Offset, VOSI2
50
250
25
150
µV
Over Temperature
VCM = VREF = +VS/2
445
215
µV
Average TC
0.1
3
0.1
1
µV/°C
Output Offset, VOSO
1000
500
µV
Over Temperature
1650
1150
µV
Average TC
2.5
10
2.5
10
µV/°C
Offset Referred to the
Input vs. Supply (PSRR)
G = +5
86
100
86
100
dB
G = +10
100
120
100
120
dB
G = +100
110
125
110
125
dB
G = +1000
110
125
110
125
dB
INPUT CURRENT
Input Bias Current
3
10
3
10
nA
Over Temperature
15
15
nA
Average TC
20
20
pA/°C
Input Offset Current
0.3
1
0.3
1
nA
Over Temperature
2
2
nA
Average TC
1
1
pA/°C
INPUT
Input Impedance
Differential
20||2
20||2
GΩ||pF
Common-Mode
20||2
20||2
GΩ||pF
Input Voltage Range3
VS = 2.2 V to 36 V
(−VS) − 0.1
(+VS) − 1
(−VS) − 0.1
(+VS) – 1
V
Common-Mode Rejection
Ratio3 DC to 60 Hz with
1 kΩ Source Imbalance
VREF = VS/2
G = +5
VS = 3 V, VCM = 0 V to 1.9 V
77
90
83
96
dB
G = +5
VS = 5 V, VCM = 0 V to 3.7 V
77
90
83
96
dB
OUTPUT
Output Swing
RL = 20 kΩ
(−VS) + 25
(+VS) − 70
(−VS) + 25
(+VS) − 70
mV
RL = 100 kΩ
(−VS) + 7
(+VS) − 25
(−VS) + 7
(+VS) − 25
mV
Short-Circuit Current
Short circuit to ground
±25
±25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com