Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8137YCPZ-R2
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8137YCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
AD8137
Rev. E | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
12 V
VOCM
VS+ to VS−
Power Dissipation
See Figure 3
Input Common-Mode Voltage
VS+ to VS−
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in a circuit board in still air.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC/2-Layer
157
56
°C/W
8-Lead SOIC/4-Layer
125
56
°C/W
8-Lead LFCSP/4-Layer
70
56
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8137 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the parametric
performance of the AD8137. Exceeding a junction temperature
of 175°C for an extended period can result in changes in the
silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of differential
and common-mode currents flowing to the load, as well as
currents flowing through the external feedback networks and
the internal common-mode feedback loop. The internal resistor
tap used in the common-mode feedback loop places a 1 kΩ
differential load on the output. RMS output voltages should be
considered when dealing with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces, through holes, ground,
and power planes reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8-lead SOIC
(125°C/W) and 8-lead LFCSP (θJA = 70°C/W) on a JEDEC
standard 4-layer board. θJA values are approximations.
–40
–20 –10
–30
0
10 20 30 40 50 60 70 80 90 100 110 120
3.0
1.0
1.5
0.5
2.0
2.5
0
AMBIENT TEMPERATURE (°C)
SOIC-8
LFCSP
Figure 3. Maximum Power Dissipation vs.
Ambient Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com