Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
AD8139
Data Sheet
Rev. C | Page 26 of 26
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding
AD8139ARDZ
–40°C to +125°C
8-Lead Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-1
AD8139ARDZ-REEL
–40°C to +125°C
8-Lead Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-1
AD8139ARDZ-REEL7
–40°C to +125°C
8-Lead Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-1
AD8139ACPZ-R2
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
HEB#
AD8139ACPZ-REEL
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
HEB#
AD8139ACPZ-REEL7
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
HEB#
AD8139ACP-EBZ
Evaluation Board
1
Z = RoHS Compliant Part, # denotes RoHS product may be top or bottom marked.
©2004–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04679-0-6/16(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com