Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220BRMZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8220BRMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220BRMZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8220BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 24Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 25Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 26Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 27Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 28Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD8220
Rev. B | Page 26 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 68. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range3
Package Description
Package Option
Branding
AD8220ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
H01
AD8220ARMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H01
AD8220ARMZ-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H01
AD8220BRMZ
−40°C to +85°C
8-Lead MSOP
RM-8
H0P
AD8220BRMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H0P
AD8220BRMZ-R7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H0P
AD8220WARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
Y2D
AD8220WARMZ-RL
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y2D
AD8220WARMZ-R7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
Y2D
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 See the Typical Performance Characteristics section for expected operation from 85°C to 125°C.
AUTOMOTIVE PRODUCTS
The AD8220W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com