Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8224BCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD8224
Rev. D | Page 17 of 28
VS+
VS–
0
16
IOUT (mA)
–1
–2
+2
+1
2
4
6
8
10
12
14
–40°C
+125°C
+85°C
+25°C
+125°C
+25°C
+85°C
Figure 35. Output Voltage Swing vs. Output Current, VS = 5 V, VREF = 2.5 V
XX
XX
XX
XX
XXX (X)
5µs/DIV
20mV/DIV
100pF
47pF
NO LOAD
Figure 36. Small Signal Pulse Response for Various Capacitive Loads,
VS = ±15 V, VREF = 0 V
XX
XX
XX
XX
XXX (X)
5µs/DIV
20mV/DIV
100pF
47pF
NO LOAD
Figure 37. Small Signal Pulse Response for Various Capacitive Loads,
VS = 5 V, VREF = 2.5 V
35
0
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
30
25
20
15
10
5
GAIN = 1
GAIN = 10, 100, 1000
Figure 38. Output Voltage Swing vs. Large Signal Frequency Response
XX
XX
XX
XX
XXX (X)
20µs/DIV
5µs TO 0.01%
6µs TO 0.001%
5V/DIV
0.002%/DIV
Figure 39. Large Signal Pulse Response and Settle Time, G = 1,
RLOAD = 10 kΩ, VS = ±15 V, VREF = 0 V
XX
XX
XX
XX
XXX (X)
20µs/DIV
5V/DIV
4.3μs TO 0.01%
4.6μs TO 0.001%
0.002%/DIV
Figure 40. Large Signal Pulse Response and Settle Time, G = 10,
RLOAD = 10 kΩ, VS = ±15 V, VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com