Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRMZ-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8227BRMZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRMZ-R71 Datasheet(HTML) 5 Page - Analog Devices

  AD8227BRMZ-R71 Datasheet HTML 1Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 2Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 3Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 4Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 5Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 6Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 7Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 8Page - Analog Devices AD8227BRMZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8227
Rev. 0 | Page 4 of
24
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 5
250
250
kHz
G = 10
200
200
kHz
G = 100
50
50
kHz
G = 1000
5
5
kHz
Settling Time 0.01%
10 V step
G = 5
14
14
μs
G = 10
15
15
μs
G = 100
35
35
μs
G = 1000
275
275
μs
Slew Rate2
G = 5 to 100
0.8
0.8
V/μs
GAIN3
G = 5 + (80 kΩ/RG)
Gain Range
5
1000
5
1000
V/V
Gain Error
VOUT = −10 V to +10 V
G = 5
0.04
0.02
%
G = 10 to 1000
0.3
0.15
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 5
RL ≥ 2 kΩ
10
10
ppm
G = 10
RL ≥ 2 kΩ
15
15
ppm
G = 100
RL ≥ 2 kΩ
15
50
ppm
G = 1000
RL ≥ 2 kΩ
750
150
ppm
Gain vs. Temperature
TA = −40°C to +125°C
G = 5
5
5
ppm/°C
G > 5
−100
−100
ppm/°C
INPUT
VS = ±1.5 V to +36 V
Impedance
Differential
0.8||2
0.8||2
GΩ||pF
Common Mode
0.4||2
0.4||2
GΩ||pF
Operating Voltage Range4
TA = +25°C
−VS − 0.1
+VS − 0.8
−VS − 0.1
+VS − 0.8
V
TA = +125°C
−VS − 0.05
+VS − 0.6
−VS − 0.05
+VS − 0.6
V
TA = −40°C
−VS − 0.15
+VS − 0.9
−VS − 0.15
+VS − 0.9
V
Overvoltage Range
TA = −40°C to +125°C
+VS − 40
−VS + 40
+VS − 40
−VS + 40
V
OUTPUT
Output Swing
RL = 10 kΩ to ground
TA = −40°C to +85°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
TA = +85°C to +125°C
−VS + 0.2
+VS − 0.3
−VS + 0.2
+VS − 0.3
V
RL = 100 kΩ to ground
TA = −40°C to +125°C
−VS + 0.1
+VS − 0.1
−VS + 0.1
+VS − 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Dual-supply operation
±1.5
±18
±1.5
±18
V
Quiescent Current
TA = +25°C
350
425
350
425
μA
TA = −40°C
250
325
250
325
μA
TA = +85°C
450
525
450
525
μA
TA = +125°C
525
600
525
600
μA
TEMPERATURE RANGE
−40
+125
−40
+125
°C
1 The input stage uses pnp transistors, so input bias current always flows into the part.
2 At high gains, the part is bandwidth limited rather than slew rate limited.
3 For G > 5, gain error specifications do not include the effects of External Resistor RG.
4 Input voltage range of the AD8227 input stage. The input range depends on the common-mode voltage, differential voltage, gain, and reference voltage. See the
section for more information.
Input Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com