Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221BRZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8221BRZ-R7
Description  Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221BRZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8221BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD8221
Rev. C | Page 22 of 24
DIE INFORMATION
Die size: 1575 µm × 2230 µm
Die thickness: 381 µm
To minimize gain errors introduced by the bond wires, use Kelvin connections between the chip and the gain resistor, RG, by connecting
Pad 2A and Pad 2B in parallel to one end of RG and Pad 3A and Pad 3B in parallel to the other end of RG. For unity gain applications
where RG is not required, Pad 2A and Pad 2B must be bonded together as well as the Pad 3A and Pad 3B.
1
2A
2B
3A
3B
4
5
6
8
7
LOGO
Figure 53. Bond Pad Diagram
Table 7. Bond Pad Information
Pad No.
Mnemonic
Pad Coordinates1
X (µm)
Y (µm)
1
−IN
–379
+951
2A
RG
–446
+826
2B
RG
–615
+474
3A
RG
–619
+211
3B
RG
–490
–190
4
+IN
–621
–622
5
−VS
+635
–823
6
REF
+649
–339
7
VOUT
+612
+84
8
+VS
+636
+570
1 The pad coordinates indicate the center of each pad, referenced to the center of the die. The die orientation is indicated by the logo, as shown in Figure 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com