Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8237ARMZ
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8237ARMZ Datasheet HTML 15Page - Analog Devices AD8237ARMZ Datasheet HTML 16Page - Analog Devices AD8237ARMZ Datasheet HTML 17Page - Analog Devices AD8237ARMZ Datasheet HTML 18Page - Analog Devices AD8237ARMZ Datasheet HTML 19Page - Analog Devices AD8237ARMZ Datasheet HTML 20Page - Analog Devices AD8237ARMZ Datasheet HTML 21Page - Analog Devices AD8237ARMZ Datasheet HTML 22Page - Analog Devices AD8237ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD8237
Data Sheet
Rev. 0 | Page 18 of 28
500
–500
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
INPUT OFFSET CURRENT
–IN BIAS CURRENT
+IN BIAS CURRENT
–400
–300
–200
–100
0
100
200
300
400
REPRESENTATIVE SAMPLE
Figure 58. Input Bias Current and Input Offset Current vs. Temperature
500
–500
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
OFFSET CURRENT
REF BIAS CURRENT
FB BIAS CURRENT
–400
–300
–200
–100
0
100
200
300
400
REPRESENTATIVE SAMPLE
Figure 59. REF Input Bias Current, FB Input Bias Current, and Offset Current vs.
Temperature
+VS
–VS
+300
+200
+100
–300
–200
–100
0.9
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
SUPPLY VOLTAGE (±VS)
RL = 5kΩ
–40°C
+25°C
+85°C
+125°C
Figure 60. Output Voltage Swing vs. Supply Voltage
+VS
–VS
+0.4
+0.2
–0.4
–0.2
1k
10k
100k
1M
LOAD RESISTANCE (Ω)
–40°C
+25°C
+85°C
+125°C
Figure 61. Output Voltage Swing vs. Load Resistance, VS = ±2.5 V
+VS
–VS
+0.2
+0.3
+0.4
+0.1
–0.2
–0.3
–0.4
–0.1
1k
10k
100k
1M
LOAD RESISTANCE (Ω)
–40°C
+25°C
+85°C
+125°C
Figure 62. Output Voltage Swing vs. Load Resistance, VS = ±0.9 V
+VS
–VS
+1.2
+0.8
+0.4
–1.2
–0.8
–0.4
0
3.0
2.5
1.5
2.0
1.0
0.5
OUTPUT CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
Figure 63. Output Voltage Swing vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com