Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8251ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8251ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8251ARMZ Datasheet HTML 17Page - Analog Devices AD8251ARMZ Datasheet HTML 18Page - Analog Devices AD8251ARMZ Datasheet HTML 19Page - Analog Devices AD8251ARMZ Datasheet HTML 20Page - Analog Devices AD8251ARMZ Datasheet HTML 21Page - Analog Devices AD8251ARMZ Datasheet HTML 22Page - Analog Devices AD8251ARMZ Datasheet HTML 23Page - Analog Devices AD8251ARMZ Datasheet HTML 24Page - Analog Devices AD8251ARMZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD8251
Rev. B | Page 20 of 24
RF INTERFERENCE
DRIVING AN ADC
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass RC network placed at the input
of the instrumentation amplifier, as shown in Figure 58. The
filter limits the input signal bandwidth according to the following
relationship:
An instrumentation amplifier is often used in front of an ADC
to provide CMRR. Usually, instrumentation amplifiers require a
buffer to drive an ADC. However, the low output noise, low
distortion, and low settle time of the AD8251 make it an
excellent ADC driver.
In Figure 59, a 1 nF capacitor and a 49.9 Ω resistor create an
antialiasing filter for the AD7612. The 1 nF capacitor stores and
delivers the necessary charge to the switched capacitor input of
the ADC. The 49.9 Ω series resistor reduces the burden of the
1 nF load from the amplifier and isolates it from the kickback
current injected from the switched capacitor input of the AD7612.
Selecting too small a resistor improves the correlation between
the voltage at the output of the AD8251 and the voltage at the
input of the AD7612 but may destabilize the AD8251. A trade-
off must be made between selecting a resistor small enough to
maintain accuracy and large enough to maintain stability.
)
C
C
(
R
1
FilterFreq
C
D
DIFF
+
=
2
π
2
C
CM
RC
1
FilterFreq
π
2
=
where CD ≥ 10 CC.
R
R
AD8251
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
CD
CC
CC
0.1
μF
0.1
μF
1nF
49.9
Ω
AD7612
ADR435
+12V
–12V
+5V
+15V
–15V
A0
A1
WR
+IN
–IN
10
μF0.1µF
10
μF0.1µF
REF
AD8251
DGND
DGND
Figure 58. RFI Suppression
Values of R and CC should be chosen to minimize RFI. A
mismatch between the R × CC at the positive input and the
R × CC at negative input degrades the CMRR of the AD8251.
By using a value of CD that is 10 times larger than the value of
C
Figure 59. Driving an ADC
C
, the effect of the mismatch is reduced and performance is
improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com