Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-2YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4927-2YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4927-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Ultralow Distortion
Current Feedback Differential ADC Driver
Data Sheet
ADA4927-1/ADA4927-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Extremely low harmonic distortion
−105 dBc HD2 at 10 MHz
−91 dBc HD2 at 70 MHz
−87 dBc HD2 at 100 MHz
−103 dBc HD3 at 10 MHz
−98 dBc HD3 at 70 MHz
−89 dBc HD3 at 100 MHz
Better distortion at higher gains than VF amplifiers
Low input voltage noise: 1.4 nV/√Hz
High speed
−3 dB bandwidth of 2.3 GHz
0.1 dB gain flatness: 150 MHz
Slew rate: 5000 V/µs, 25% to 75%
Fast 0.1% settling time: 10 ns
Low input offset voltage: 0.3 mV typical
Externally adjustable gain
Stability and bandwidth controlled by feedback resistor
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Wide supply operation: +5 V to ±5 V
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Differential line drivers
GENERAL DESCRIPTION
The ADA4927 is a low noise, ultralow distortion, high speed,
current feedback differential amplifier that is an ideal choice for
driving high performance ADCs with resolutions up to 16 bits
from dc to 100 MHz. The output common-mode level can easily be
matched to the required ADC input common-mode levels. The
internal common-mode feedback loop provides exceptional output
balance and suppression of even-order distortion products.
Differential gain configurations are easily realized using an
external feedback network comprising four resistors. The
current feedback architecture provides loop gain that is nearly
independent of closed-loop gain, achieving wide bandwidth,
low distortion, and low noise at higher gains and lower power
consumption than comparable voltage feedback amplifiers.
The ADA4927 is fabricated using the Analog Devices, Inc.,
silicon-germanium complementary bipolar process, enabling
very low levels of distortion with an input voltage noise of only
1.3 nV/√Hz.
FUNCTIONAL BLOCK DIAGRAMS
ADA4927-1
12
11
10
1
3
4
9
2
–FB
+IN
–IN
+FB
PD
–OUT
+OUT
VOCM
Figure 1.
ADA4927-2
2
1
3
4
5
6
18
17
16
15
14
13
+IN2
–FB2
+VS1
+VS1
+FB1
–IN1
–OUT2
PD2
–VS2
–VS2
VOCM1
+OUT1
Figure 2.
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
G = 1
G = 10
G = 20
Figure 3. Spurious-Free Dynamic Range vs. Frequency at Various Gains
The low dc offset and excellent dynamic performance of the
ADA4927 make it well suited for a wide variety of data acquisition
and signal processing applications.
The ADA4927-1 is available in a Pb-free, 3 mm × 3 mm 16-lead
LFCSP, and the ADA4927-2 is available in a Pb-free, 4 mm × 4 mm
24-lead LFCSP. The pinouts are optimized to facilitate printed
circuit board (PCB) layout and to minimize distortion. They are
specified to operate over the −40°C to +105°C temperature range.


Similar Part No. - ADA4927-2YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4927-2YCPZ-R2 AD-ADA4927-2YCPZ-R2 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-2YCPZ-R2 AD-ADA4927-2YCPZ-R2 Datasheet
735Kb / 25P
Ultralow Distortion Current Feedback Differential ADC Driver
Rev. B
More results

Similar Description - ADA4927-2YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com