Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-1YCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4930-1YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4930-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Ultralow Noise
Drivers for Low Voltage ADCs
Data Sheet
ADA4930-1/ADA4930-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input voltage noise: 1.2 nV/√Hz
Low common-mode output: 0.9 V on single supply
Extremely low harmonic distortion
−104 dBc HD2 at 10 MHz
−79 dBc HD2 at 70 MHz
−73 dBc HD2 at 100 MHz
−101 dBc HD3 at 10 MHz
−82 dBc HD3 at 70 MHz
−75 dBc HD3 at 100 MHz
High speed
−3 dB bandwidth of 1.35 GHz, G = 1
Slew rate: 3400 V/μs, 25% to 75%
0.1 dB gain flatness to 380 MHz
Fast overdrive recovery of 1.5 ns
0.5 mV typical offset voltage
Externally adjustable gain
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Single-supply operation: 3.3 V or 5 V
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4930-1/ADA4930-2 are very low noise, low distortion,
high speed differential amplifiers. They are an ideal choice for
driving 1.8 V high performance ADCs with resolutions up to
14 bits from dc to 70 MHz. The adjustable output common
mode allows the ADA4930-1/ADA4930-2 to match the input of
the ADC. The internal common-mode feedback loop provides
exceptional output balance, suppression of even-order harmonic
distortion products, and dc level translation.
With the ADA4930-1/ADA4930-2, differential gain configurations
are easily realized with a simple external feedback network of
four resistors determining the closed-loop gain of the amplifier.
The ADA4930-1/ADA4930-2 are fabricated using Analog
Devices, Inc., proprietary silicon-germanium (SiGe), comple-
mentary bipolar process, enabling them to achieve very low
levels of distortion with an input voltage noise of only 1.2 nV/√Hz.
FUNCTIONAL BLOCK DIAGRAMS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4930-1
Figure 1.
ADA4930-2
1
–IN1
2
+FB1
3
+VS1
4
+VS1
5
–FB2
6
+IN2
15 –VS2
16 –VS2
17 VOCM1
18 +OUT1
14 PD2
13 –OUT2
Figure 2.
0
1
10
100
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 3. Voltage Noise Spectral Density
The low dc offset and excellent dynamic performance of the
ADA4930-1/ADA4930-2 make them well suited for a wide
variety of data acquisition and signal processing applications.
The ADA4930-1 is available in a Pb-free, 3 mm × 3 mm 16-lead
LFCSP, and the ADA4930-2 is available in a Pb-free, 4 mm × 4 mm
24-lead LFCSP. The pinout has been optimized to facilitate printed
circuit board (PCB) layout and minimize distortion. The
ADA4930-1 is specified to operate over the −40°C to +105°C
temperature range, and the ADA4930-2 is specified to operate over
the −40°C to +105°C temperature range for 3.3 V or 5 V supply
voltages.


Similar Part No. - ADA4930-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4930-1YCPZ-R7 AD-ADA4930-1YCPZ-R7 Datasheet
674Kb / 28P
Ultralow Noise Drivers for Low Voltage ADCs
REV. A
ADA4930-1YCPZ-R7 AD-ADA4930-1YCPZ-R7 Datasheet
625Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
Rev. C
ADA4930-1YCPZ-R7 AD-ADA4930-1YCPZ-R7 Datasheet
625Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
Rev. D
More results

Similar Description - ADA4930-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4930-1 AD-ADA4930-1 Datasheet
674Kb / 28P
Ultralow Noise Drivers for Low Voltage ADCs
REV. A
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
Ultralow Noise Microphone
REV. A
MT-074 AD-MT-074 Datasheet
255Kb / 5P
Differential Drivers for Precision ADCs
REV. 0
MT-075 AD-MT-075 Datasheet
190Kb / 9P
Differential Drivers for High Speed ADCs Overview
REV. 0
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
Ultralow-Power ADCs
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
Ultralow noise, low power current amplifier
REV. A
ADA4930-1 AD-ADA4930-1_17 Datasheet
625Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
Rev. C
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
Ultralow Noise, High Accuracy Voltage References
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com