Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-2YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4927-2YCPZ-R7
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4927-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4927-1/ADA4927-2
Rev. B | Page 13 of 25
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VS = ±2.5V
HD2, VOUT, dm = 2V p-p
HD3, VOUT, dm = 2V p-p
HD2, VOUT, dm = 1V p-p
HD3, VOUT, dm = 1V p-p
Figure 25. Harmonic Distortion vs. Frequency at Various VOUT,dm
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
G = 1
G = 10
G = 20
Figure 26. Spurious-Free Dynamic Range vs. Frequency at Various Gains
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
1
10
100
1k
FREQUENCY (MHz)
RL, dm = 200Ω
Figure 27. CMRR vs. Frequency
20
0
–20
–40
–60
–80
–100
–120
69.6
69.7
69.8
69.9
70.0
70.1
70.2
70.3
70.4
70.5
FREQUENCY (MHz)
VOUT, dm = 2V p-p
Figure 28. 70 MHz Intermodulation Distortion
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1
1
10
100
1k
FREQUENCY (MHz)
INPUT AMP2 TO OUTPUT AMP1
INPUT AMP1 TO OUTPUT AMP2
Figure 29. Crosstalk vs. Frequency for ADA4927-2
–50
–60
–70
–20
–30
–40
–80
–90
1
10
100
1k
FREQUENCY (MHz)
RL, dm = 200Ω
VS = ±5V, –PSRR
VS = ±5V, +PSRR
Figure 30. Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com