Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR16CS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR16CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR16CS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR16CS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR16CS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR16CS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR16CS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR16CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
TYPICAL EXAMPLE
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
160
–40
0
40
80
120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G+
T2
– , G–
TYPICAL
EXAMPLE
T2
+, G–
TYPICAL
EXAMPLE
DISTRIBUTION
160
120
100
60
20
0
3.2
1.6
0
0.8 1.2
2.0 2.4 2.8
40
80
140
0.4
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
40
12
10
8
160
120
100
60
20
0
20
0
80
140
24
614 16 18
60 60 t2.3
100 100 t2.3
120 120 t2.3
ALL FINS ARE COPPER
AND ALUMINUM
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com