Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1040LP3CE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1040LP3CE
Description  Industrial Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1040LP3CE Datasheet(HTML) 1 Page - Analog Devices

  HMC1040LP3CE Datasheet HTML 1Page - Analog Devices HMC1040LP3CE Datasheet HTML 2Page - Analog Devices HMC1040LP3CE Datasheet HTML 3Page - Analog Devices HMC1040LP3CE Datasheet HTML 4Page - Analog Devices HMC1040LP3CE Datasheet HTML 5Page - Analog Devices HMC1040LP3CE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC1040LP3CE
v00.0112
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 24 - 43.5 GHz
General Description
Features
Functional Diagram
low Noise figure: 2.2 dB
High Gain: 23 dB
p1dB output power: +12 dBm
single supply: +2.5V @ 70 mA
output ip3: +22 dBm
50 ohm matched input/output
16 lead 3x3 mm smT package: 16mm²
Electrical Specifications
, T
A = +25° C, Vdd1 = Vdd2 = Vdd3 = +2.5V, Idd = 70 mA
Typical Applications
This HmC1040lp3Be is ideal for:
• Point-to-Point Radios
• Test Instrumentation
• SatCom Transponders & VSAT
• Industrial Sensors
• EW & ECM Subsystems
The HMC1040LP3CE is a self-biased GaAs MMIC
low Noise Amplifier housed in a leadless 3x3 mm
plastic surface mount package. The amplifier operates
between 24 and 43.5 GHz, delivering 23 dB of small
signal gain, 2.2 dB noise figure, and output IP3 of +22
dBm, while requiring only 70 mA from a +2.5 V supply.
The P1dB output power of +12 dBm enables the LNA to
function as a LO driver for many of Hittite’s balanced, I/Q
and image reject mixers. The HmC1040lp3Ce fe-
atures I/Os that are DC blocked and internally mat-
ched to 50 Ohms, and is ideal for high capacity
microwave radios and VsAT applications.
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
Frequency Range
24 - 27.5
27.5 - 33.5
33.5 - 43.5
GHz
Gain [1]
22
25
20
23
17
20
dB
Gain Variation over Temperature
0.022
0.021
0.021
dB /°C
Noise figure [1]
2.7
3.2
2.2
2.7
2.7
3.2
dB
input return loss
11
12
10
dB
output return loss
16
13
10
dB
output power for 1 dB Compression
12
12
12
dBm
saturated output power (psat)
14
14
14
dBm
output Third order intercept (ip3)
22
22
24
dBm
supply Current (idd)
(Vdd = 2.5V)
70
85
70
85
70
85
mA
[1] Board loss subtracted out.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC1040LP3CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
HMC1040CHIPS-SX AD-HMC1040CHIPS-SX Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
More results

Similar Description - HMC1040LP3CE

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
INDUSTRIAL
PTX1400 GEC-PTX1400 Datasheet
136Kb / 4P
Druck Industrial Pressure Sensors
logo
Honeywell Solid State E...
3080 HONEYWELL-3080 Datasheet
161Kb / 8P
Industrial VRS Magnetic Speed Sensors
3090A HONEYWELL-3090A Datasheet
253Kb / 8P
Industrial VRS Magnetic Speed Sensors
logo
Honeywell Accelerometer...
2015C HONEYWELL-ACC-2015C Datasheet
410Kb / 8P
Industrial VRS Magnetic Speed Sensors
2030C HONEYWELL-ACC-2030C Datasheet
410Kb / 8P
Industrial VRS Magnetic Speed Sensors
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
Industrial
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
Enhanced Digital Output Sensors: Industrial temperature range
DS-0010 Rev A
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Advantech Co., Ltd.
BB-WSD2C21150 ADVANTECH-BB-WSD2C21150 Datasheet
958Kb / 4P
Wzzard™ Mesh Wireless Sensors – for Industrial Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com