Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2111CP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF2111CP
Description  Supply voltage 2.25 to 6.0V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF2111CP Datasheet HTML 1Page - NXP Semiconductors PCF2111CP Datasheet HTML 2Page - NXP Semiconductors PCF2111CP Datasheet HTML 3Page - NXP Semiconductors PCF2111CP Datasheet HTML 4Page - NXP Semiconductors PCF2111CP Datasheet HTML 5Page - NXP Semiconductors PCF2111CP Datasheet HTML 6Page - NXP Semiconductors PCF2111CP Datasheet HTML 7Page - NXP Semiconductors PCF2111CP Datasheet HTML 8Page - NXP Semiconductors PCF2111CP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Mar 28
4
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
5
BLOCK DIAGRAMS
Fig.1 Block diagram; PCF2100C.
handbook, full pagewidth
BACKPLANE AND SEGMENT DRIVERS
ANALOG
VOLTAGE
BUS
CONTROL
SHIFT
REGISTER
LATCHES
AND
DRIVER CONTROL
OSCILLATOR
AND
DIVIDER
40-SEGMENT LCD
BP2
BP1
25
26
S1 to S20
24 to 5
2
3
4
DLEN
CLB
DATA
VSS
VDD
OSC
680
pF
1 M
Ω
R
O
C
O
A
B
28
1
27
MLD286
PCF2100C
Fig.2 Block diagram; PCF2111C.
handbook, full pagewidth
BACKPLANE AND SEGMENT DRIVERS
ANALOG
VOLTAGE
BUS
CONTROL
SHIFT
REGISTER
LATCHES
AND
DRIVER CONTROL
OSCILLATOR
AND
DIVIDER
64-SEGMENT LCD
BP2
BP1
37
38
2
3
4
DLEN
CLB
DATA
VSS
VDD
OSC
680
pF
1 M
Ω
R
O
C
O
A
B
40
1
39
MLD285
PCF2111C
S1 to S32
36 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com