Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 310
Description  Four wire Kelvin lead measurements
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  310 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Milli-Ohm Meter
Model 310
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2012
v0913122012
The model 310 Digital Milli-Ohm Meter is used
to ensure continuity and integrity of a wire,
cable, conduit or any electrical connection. The
310 has a display resolution of 100 micro-ohms
and has a professional four wire Kelvin test lead
set included to ensure accurate readings. The
heavy duty case has a rubber seal to make the
unit water resistant and a convenient shoulder
strap.
Features & Benefits
I
Four wire Kelvin lead measurements
I
Over-voltage and over-temperature protection
I
5 ranges with 100 µΩ max. resolution
I
Water resistant case with shoulder strap
I
Auto Power Off
I
IEC/EN 61010-1 / CE
I
Included: 4-wire Kelvin leads, carrying case
with shoulder strap and batteries
Specifications
310
Electrical
Measuring ranges
0-200.0 mΩ in steps of 100 µΩ
0-2000 mΩ in steps of 1 mΩ
0-20.00 Ω in steps of 10 mΩ
0-200.0 Ω in steps of 100 mΩ
0-2000 Ω in steps of 1 Ω
Accuracy
±0.5% of reading ±2 digits over the operating
temperature range -15° C to +55° C,
with the supplied test leads.
Test current
1 mA => 2000 Ω range
10 mA => 200 / 20 Ω ranges
100 mA => 2000 m / 200 mΩ ranges.
Test current accuracy
±0.3%
Protection fuses
Supply: 1.5 A, HBC, 5 x 20 mm, DIN
Current: 1 A, HBC, 5 x 20 mm, DIN
Voltage: 0.5 A, HBC, 5 x 20 mm, DIN
Safety
LVD BS EN 61010-1
EMC BS EN 50081-1, BS EN 50082-1
Mechanical
Bump test
IEC68-2-29
Vibration test
IEC1010, clause 8.3
Drop test
IEC1010, clause 8.4
Impact test
IEC1010, Clause 8.2
Rated environmental
conditions
Indoor use
Pollution degree 2
Altitude up to 2000 meter
Relative humidity 80% max.
Ambient temperature 0°C~40° C
One Year Warranty
Weight
3.4 lbs (1.542 kg)
Dimensions (WxHD)
9.82” x 4.33” x 7.48” (250 x 110 x 190 mm)
The model 310 Digital milli-ohm meter, with its measuring range of 100 µΩ
to 2000 Ω, is suitable for a wide range of applications such as:
- Measuring the winding resistance of electric motors, generators and transformers
- Bond testing in mines, aircraft, railways, ships, domestic and industrial wiring
installations
- Measuring the ring main continuity testing in industrial and domestic wiring i
installations
- Measuring resistance in electronic equipment such as shunts, pcb tracks, switch
and relay resistance
- Checking compression joints on overhead lines
- Testing and maintenance of switchboard /sub-station equipment on such items
as fuses, joints, contacts and bonds
Applications


Similar Part No. - 310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
DB Lectro Inc
310 DBLECTRO-310 Datasheet
382Kb / 1P
SCREW TYPE SERIES
logo
Mill-Max Mfg. Corp.
310 MILL-MAX-310 Datasheet
199Kb / 1P
INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
Morse Mfg. Co., Inc.
310 MORSE-310 Datasheet
2Mb / 6P
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
23 Aug., 2022
More results

Similar Description - 310

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6303 POMONA-6303 Datasheet
46Kb / 1P
4-Wire Kelvin Probe Set with Double Banana Plug Leads
6730 POMONA-6730 Datasheet
129Kb / 2P
Wide Jaw Kelvin Lead Set
logo
List of Unclassifed Man...
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
Kelvin Clip
BU-78K ETC2-BU-78K Datasheet
48Kb / 1P
Kelvin Clip
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
Insulated Kelvin Battery Clip
logo
Aries Electronics, Inc.
23022 ARIES-23022 Datasheet
1Mb / 2P
Kelvin Test Socket
logo
Ohmite Mfg. Co.
RES-TGHG OHMITE-RES-TGHG Datasheet
345Kb / 2P
Four terminal Kelvin connection
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
logo
IET Labs Inc.
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
Kelvin-Varley Voltage Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com