Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

369B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 369B
Description  AC voltage and current measurements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

369B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  369B Datasheet HTML 1Page - List of Unclassifed Manufacturers 369B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multimeters
Digital Clamp Meters
2
www.bkprecision.com
v012516
Specifications
Model
369B
367A
350B
330B
AC Current (using clamp)
Ranges
400 A, 1000 A
400 A, 2000 A
32 A, 320 A, 1000 A
200 A, 1000 A
Resolution
100 mA, 1 A
100 mA, 1 A
10 mA, 100 mA, 1 A
100 mA, 1 A
Basic Accuracy (50-60 Hz)
±(1.5% reading + 5 digits)
±(1.5% reading + 5 digits)
±(1.5% reading + 5 digits)
±(1.5% reading + 5 digits)
Overload Protection (for 60 sec max.)
1200 A
1200 A
1200 A
1200 A
DC Current (using clamp)
Range
400 A, 1000 A
400 A, 2000 A
--
--
Resolution
100 mA, 1 A
100 mA, 1 A
--
--
Basic Accuracy
±(1.5% reading + 5 digits)
±(1.5% reading + 5 digits)
--
--
Overload Protection (for 60 sec max.)
1200 A
2000 A
--
--
AC Voltage (using test leads)
Range
400 mV, 4 V, 40 V, 400 V, 750 V
400 mV, 4 V, 40 V, 400 V, 750 V
3.2 V, 32 V, 320 V, 750 V
750 V
Resolution
100 µV, 1 mV, 10 mV, 100 mV, 1 V
100 µV, 1 mV, 10 mV, 100 mV, 1 V
1 mV, 10 mV, 100 mV, 1 V
1 V
Basic Accuracy
±(1.5% reading + 4 digits)
±(1.5% reading + 4 digits)
±(1.5% reading + 4 digits)
±(1.5% reading + 5 digits)
Overload Protection
1000 V DC/750 V RMS
1000 V DC /750 V RMS
1000 V DC /750 V RMS
1000 V DC /750 V RMS
Input Impedance
10 MΩ
10 MΩ
10 MΩ
4.5 MΩ
DC Voltage (using test leads)
Range
400 mV, 4 V, 40 V, 400 V, 1000 V
400 mV, 4 V, 40 V, 400 V, 1000 V
320 mV, 3.2 V, 32 V, 320 V, 1000 V
1000 V
Resolution
100 µV, 1 mV, 10 mV, 100 mV, 1 V
100 µV, 1 mV, 10 mV, 100 mV, 1 V
100 µV, 1 mV, 10 mV, 100 mV, 1 V
1 V
Basic Accuracy
±(0.5% reading + 1 digits)
±(0.5% reading +1 digits)
±(0.5% reading + 1 digits)
±(0.5% reading + 1 digits)
Overload Protection
1000 V DC/750 V RMS
1000 V DC/750 V RMS
1000 V DC/750 V RMS
1000 V DC/750 V RMS
Input Impedance
10 MΩ
10 MΩ
10 MΩ
10 MΩ
Resistance
Range
400 Ω, 4 kΩ, 40 kΩ, 400 k, 4 M, 40 MΩ
400 Ω, 4k Ω, 40 kΩ, 400 k, 4 M 40 MΩ
320 Ω, 3.2 kΩ, 32 kΩ, 320 kΩ, 3.2 MΩ, 30 MΩ
200 Ω, 20 kΩ, 200 kΩ, 20 MΩ, 2000 MΩ
Resolution
0.1 Ω, 1 Ω, 10 Ω, 100 Ω,1 kΩ, 10 kΩ
0.1 Ω, 1 Ω, 10 Ω, 100 Ω,1 kΩ, 10 kΩ
0.1 Ω, 1 Ω, 10 Ω, 100 Ω,1 kΩ, 10 kΩ
0.1 Ω, 1 Ω, 10 Ω, 10 kΩ, 100 kΩ
Basic Accuracy
±(1% reading + 2 digits)
±(1% reading + 2 digits)
±(1% reading + 3 digits)
±(1% reading + 3 digits)
Overload Protection
500 V DC/ AC RMS
500 V DC/ AC RMS
500 V DC/AC RMS
1000 V DC/750 AC RMS
Frequency
Range
100 Hz, 1 kHz, 10 kHz, 100 kHz, 400 kHz
100 Hz, 1 kHz, 10 kHz, 100 kHz, 400 kHz
320 Hz, 3.2 kHz, 32 kHz
--
Resolution
0.01 Hz, 0.1 Hz, 1 Hz, 10 Hz, 100 Hz
0.01 Hz, 0.1 Hz, 1 Hz, 10 Hz, 100 Hz
0.1 Hz, 1 Hz, 10 Hz
--
Basic Accuracy
±(0.1% reading + 3 digits)
±(0.1% reading + 3 digits)
±(1% reading + 4 digits)
--
Overload Protection
500 V DC/AC RMS
500 V DC/AC RMS
500 V DC/AC RMS
--
Capacitance
Range
4n F, 40 nF, 400 nF, 4 µF, 40 µF
4 nF, 40 nF, 400 nF, 4 µF, 40 µF
--
--
Resolution
0.001 nF. 0.01 nF, 0.1 nF, 0.001 µF, 0.01 µF
0.001 nF. 0.01 nF, 0.1 nF, 0.001 µF, 0.01 µF
--
--
Basic Accuracy
±(1.5% reading + 4 digits)
±(1.5% reading + 4 digits)
--
--
Overload Protection
500 V DC/AC RMS
500 V DC/AC RMS
--
--
General
Jaw Opening
2.24” (57 mm)
Display
3 3/4 digit LCD,
4000 count (9999 in frequency)
with 42 segment bargraph
3 1/2 digit LCD
3200 count
with 34 segment bargraph
3 3/4 digit LCD
2000 count
Measure Rate
Nominal 2/sec
Nominal 2.5/sec
Operating Temperature
32° to 122°F, 70% RH, (0° to 50°C)
Storage Temperature
-4° to 140°F, 80% RH, (-20° to 60°C)
Power Requirements
One 9 V battery, alkaline recommended type NEDA 1604A
Battery Life
500 Hours
Dimensions
10.9 x 4 x 1.9” (277 x 102 x 49 mm)
Weight (includes battery)
18.9 oz (540 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com