Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 844USB
Description  Extensive device libraries
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

844USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  844USB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Device Programmers
Models 844USB, 866C, & 867C
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2015
v072215
Windows® is a registered trademark of Microsoft Corporation in the United States and other countries.
Universal device programmers are powerful, versatile, and simple to use. Our programmers are the ideal
solution for programming new chips as well as copying chips for backup or repair purposes.
We offer on-going program software updates that extend device libraries and provide continuous
improvements for the 844USB, 866C, and 867C programmers. Whether you are working with PLCC,
SOIC, TSOP, DIP, TQFP, SSOP, PSOP or QFP packaging, we provide an extensive line of socket adapters
that will work in conjunction with our programmers.
Common Features & Benefits
I
Extensive device libraries
I
Fast and high performance
I
Powerful program software
I
Supports Windows
® XP/Vista/7/8.1
Specifications
844USB
866C
867C
Devices Supported
EPROM, EEPROM/Flash, Serial EPROM, Microcontroller,
PLD and Bi-Polar PROM (Bi-Polar PROMs 866C, & 867C)
Device libraries
over 32,000
over 84,000
over 85,000
Interface
USB 2.0 / USB 1.1 Compatible
Programming
Socket
DIL40 pin ZIF Socket,
ISP for in-circuit programming
DIL48 pin ZIF Socket,
ISP for in-circuit programming
Buffer Features
Erase, Random Data Fill, Fill Block, Copy Block, Move Block, Swap Block,
Buffer Print, Find Text, Replace Text, GoTo Address,
Checksum Calculator, 8 bit & 16 bit View Modes
I.C. Tester
No
Yes
Power Requirements
100-240 VAC, 47-63 Hz
Weight
1.1 lbs (500 g)
1.98 lbs (0.9 kg)
Dimensions
(W x H x D)
3.8” x 1.4” x 6.3”
(95 x 35 x 160 mm)
5.5” x 2.2” x 7.7” (140 x 56 x 195 mm)
One-Year Warranty
Programmer software
Model 844USB
Model 866C
Model 867C


Similar Part No. - 844USB

ManufacturerPart #DatasheetDescription
logo
Copyright BG
844 BG-844 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
844 BG-844 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
Keysight Technologies
844 KEYSIGHT-844 Datasheet
757Kb / 10P
AC Power Source/Analyzers, 375-1750 VA An integrated AC power solution
October 2, 2017
logo
Glenair, Inc.
844-001 GLENAIR-844-001 Datasheet
257Kb / 2P
Push-Pull Plug
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
More results

Similar Description - 844USB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87360 NSC-PC87360 Datasheet
1Mb / 168P
128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
logo
Agilent(Hewlett-Packard...
E2094S HP-E2094S Datasheet
494Kb / 4P
IO Libraries Suite 15.5
logo
Panasonic Semiconductor
APV1122AX PANASONIC-APV1122AX Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
logo
Keysight Technologies
W2366EP KEYSIGHT-W2366EP Datasheet
1Mb / 9P
Advanced Design System (ADS) Wireless Libraries
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
Extensive Characterization of Recovery Parameters
logo
Allegro MicroSystems
A8517 ALLEGRO-A8517 Datasheet
2Mb / 66P
Extensive diagnostics and fault reporting
logo
Agilent(Hewlett-Packard...
G7553A HP-G7553A Datasheet
210Kb / 2P
SureGuide CRISPR Libraries
logo
PHOENIX CONTACT
2701190 PHOENIX-2701190 Datasheet
54Kb / 2P
Program and configuration memory, plug-in, with license key for function block libraries.
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
An Extensive Selection of Fiber-Optic Cables
logo
PHOENIX CONTACT
2710288 PHOENIX-2710288 Datasheet
49Kb / 2P
Comprehensive diagnostic possibilities such as breakpoints, individual steps, debugging in libraries, instance debugging
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com