Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN005
Description  N-channel logic level TrenchMOS(TM) transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN005 Datasheet HTML 1Page - NXP Semiconductors PSMN005 Datasheet HTML 2Page - NXP Semiconductors PSMN005 Datasheet HTML 3Page - NXP Semiconductors PSMN005 Datasheet HTML 4Page - NXP Semiconductors PSMN005 Datasheet HTML 5Page - NXP Semiconductors PSMN005 Datasheet HTML 6Page - NXP Semiconductors PSMN005 Datasheet HTML 7Page - NXP Semiconductors PSMN005 Datasheet HTML 8Page - NXP Semiconductors PSMN005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
October 1999
2
Rev 1.200
Philips Semiconductors
Product specification
PSMN005-55B;
PSMN005-55P
N-channel logic level TrenchMOS(TM) transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 55 V
• Very low on-state resistance
• Fast switching
I
D = 75 A
• Low thermal resistance
R
DS(ON) ≤ 5.8 mΩ (VGS = 10 V)
R
DS(ON) ≤ 6.3 mΩ (VGS = 5 V)
GENERAL DESCRIPTION
SiliconMAX products use the latest Philips Trench technology to achieve the lowest possible on-state resistance in
each package at each voltage rating.
Applications:-
• d.c. to d.c. converters
• switched mode power supplies
The PSMN005-55P is supplied in the SOT78 (TO220AB) conventional leaded package.
The PSMN005-55B is supplied in the SOT404 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404 (D
2PAK)
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
55
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-55
V
V
GS
Continuous gate-source
-
± 15
V
voltage
V
GSM
Peak pulsed gate-source
T
j ≤ 150 ˚C
-
± 20
V
voltage
I
D
Continuous drain current
T
mb = 25 ˚C; VGS = 5 V
-
75
2
A
T
mb = 100 ˚C; VGS = 5 V
-
75
2
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
240
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
230
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
13
tab
2
12 3
tab
1 It is not possible to make connection to pin:2 of the SOT404 package
2 maximum current limited by package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com