Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN009 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN009
Description  N-channel TrenchMOS횚 transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN009 Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN009 Datasheet HTML 1Page - NXP Semiconductors PSMN009 Datasheet HTML 2Page - NXP Semiconductors PSMN009 Datasheet HTML 3Page - NXP Semiconductors PSMN009 Datasheet HTML 4Page - NXP Semiconductors PSMN009 Datasheet HTML 5Page - NXP Semiconductors PSMN009 Datasheet HTML 6Page - NXP Semiconductors PSMN009 Datasheet HTML 7Page - NXP Semiconductors PSMN009 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PSMN009-100W
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Very low on-state resistance
V
DSS = 100 V
• Fast switching
• Low thermal resistance
I
D = 100 A
R
DS(ON) ≤ 9 mΩ
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
SiliconMAX products use the latest
PIN
DESCRIPTION
Philips
Trench
technology
to
achieve
the
lowest
possible
1
gate
on-state
resistance
in
each
package at each voltage rating.
2
drain
Applications:-
3
source
• d.c. to d.c. converters
• switched mode power supplies
tab
drain
The PSMN009-100W is supplied in
the SOT429 (TO247) conventional
leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
100
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
100
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
100
1
A
T
mb = 100 ˚C
-
79
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
300
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
300
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
2
3
1
1 Maximum continuous current limited by package.
October 1999
1
Rev 1.100


Similar Part No. - PSMN009

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN009-100B PHILIPS-PSMN009-100B Datasheet
271Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-29 April 2002
PSMN009-100B NXP-PSMN009-100B Datasheet
189Kb / 13P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-6 July 2009
logo
Nexperia B.V. All right...
PSMN009-100B NEXPERIA-PSMN009-100B Datasheet
690Kb / 13P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 6 July 2009
logo
Inchange Semiconductor ...
PSMN009-100B ISC-PSMN009-100B Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN009-100P PHILIPS-PSMN009-100P Datasheet
271Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-29 April 2002
More results

Similar Description - PSMN009

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP20NQ20T-127 NXP-PHP20NQ20T-127 Datasheet
111Kb / 9P
N-channel TrenchMOS횚 transistor
August 1999 Rev 1.000
BUK7515-100A PHILIPS-BUK7515-100A Datasheet
65Kb / 7P
TrenchMOS횚 transistor Standard level FET
December 1998 Rev 1.100
BUK9505-30A PHILIPS-BUK9505-30A Datasheet
52Kb / 8P
TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.100
BUK9506-55A PHILIPS-BUK9506-55A Datasheet
67Kb / 8P
TrenchMOS횚 transistor Logic level FET
December 1998 Rev 1.100
BUK9540-100A PHILIPS-BUK9540-100A Datasheet
77Kb / 9P
TrenchMOS횚 transistor Logic level FET
December 1999 Rev 1.000
BUK9606-55A PHILIPS-BUK9606-55A Datasheet
73Kb / 7P
TrenchMOS횚 transistor Logic level FET
January 1999 Rev 1.000
BUK9635-100A PHILIPS-BUK9635-100A Datasheet
59Kb / 7P
TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.000
PSMN010-55D PHILIPS-PSMN010-55D Datasheet
100Kb / 9P
N-channel logic level TrenchMOS횚 transistor
October 1999 Rev 1.200
PSMN020 PHILIPS-PSMN020 Datasheet
122Kb / 7P
N-channel TrenchMOS횚 transistor
November 1999 Rev 1.000
PSMN025-100D PHILIPS-PSMN025-100D Datasheet
98Kb / 9P
N-channel TrenchMOS횚 transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com