Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR340
Description  SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR340 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR340 Datasheet HTML 1Page - ON Semiconductor MBR340 Datasheet HTML 2Page - ON Semiconductor MBR340 Datasheet HTML 3Page - ON Semiconductor MBR340 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR340
http://onsemi.com
3
VR REVERSE VOLTAGE (VOLTS)
IF (AV), AVERAGE FORWARD CURRENT (AMPS)
0
2.0
1.0
3.0
4.0
5.0
0.5
1.0
1.5
2.0
2.5
TJ = 150°C
20
(CAPACITIVE LOAD)
10
dc
I PK
IAV
+ 5.0
SQUARE
WAVE
020
10
30
40
50
70
60
300
400
500
TJ = 25°C
200
90
80
50
100
RESISTIVE LOAD
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
IPK
IAV
+ p
TYPICAL VALUES FOR RθJA IN STILL AIR
Data shown for thermal resistance junction–to–ambient
(RθJA) for the mountings shown is to be used as typical
guideline values for preliminary engineering, or in case the
tie point temperature cannot be measured.
1
2
3
Mounting
Method
Lead Length, L (in)
1/8
1/4
1/2
3/4
RθJA
50
51
53
55
°C/W
°C/W
°C/W
58
59
61
63
28
NOTE 4 — MOUNTING DATA
Mounting Method 1
P.C. Board where available
copper surface is small.
L
L
L
Mounting Method 2
Vector Push–In
Terminals T–28
L
Mounting Method 3
P.C. Board with
2–1/2
″ X 2–1/2″
copper surface.
L = 1/2’’
Board Ground Plane



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com