Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1614 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F1614
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1614 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F1614 Datasheet HTML 17Page - Microchip Technology PIC16F1614 Datasheet HTML 18Page - Microchip Technology PIC16F1614 Datasheet HTML 19Page - Microchip Technology PIC16F1614 Datasheet HTML 20Page - Microchip Technology PIC16F1614 Datasheet HTML 21Page - Microchip Technology PIC16F1614 Datasheet HTML 22Page - Microchip Technology PIC16F1614 Datasheet HTML 23Page - Microchip Technology PIC16F1614 Datasheet HTML 24Page - Microchip Technology PIC16F1614 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 21
PIC12(L)F1612/16(L)F161X
4.3.8
END EXTERNALLY TIMED PROGRAMMING
This command is required after a Begin Externally Timed Programming command is given. This command must be sent
within the time window specified by TPEXT after the Begin Externally Timed Programming command is sent.
After sending the End Externally Timed Programming command, an additional delay (TDIS) is required before sending
the next command. This delay is longer than the delay ordinarily required between other commands (see Figure 4-8).
FIGURE 4-8:
END EXTERNALLY TIMED PROGRAMMING
4.3.9
BULK ERASE PROGRAM MEMORY
The Bulk Erase Program Memory command performs two different functions dependent on the current state of the
address.
A Bulk Erase Program Memory command should not be issued when the address is greater than 8009h.
After receiving the Bulk Erase Program Memory command the erase will not complete until the time interval, TERAB, has
expired.
FIGURE 4-9:
BULK ERASE PROGRAM MEMORY
Address 0000h-07FFh:
Program Memory is erased
Configuration Words are erased
Address 8000h-8009h:
Program Memory is erased
Configuration Words are erased
User ID Locations are erased
Note:
The code protection Configuration bit (CP) has no effect on the Bulk Erase Program Memory command.
12
3
4
5
6
1
2
ICSPCLK
ICSPDAT
3
TDIS
X
1
0
1
0
X
X
X
1
Next Command
1
23
4
5
6
12
ICSPCLK
ICSPDAT
3
TERAB
X
1
1
0
0
X
X
X
0
Next Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com