Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1618 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F1618
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 5Page - Microchip Technology PIC16F1618 Datasheet HTML 6Page - Microchip Technology PIC16F1618 Datasheet HTML 7Page - Microchip Technology PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 9
PIC12(L)F1612/16(L)F161X
3.1
User ID Location
A user may store identification information (user ID) in four designated locations. The user ID locations are mapped to
8000h-8003h. Each location is 14 bits in length. Code protection has no effect on these memory locations. Each location
may be read with code protection enabled or disabled.
3.2
Revision ID
The revision ID word is located at 8005h. This location is read-only and cannot be erased or modified.
Note:
MPLAB® IDE only displays the seven Least Significant bits (LSb) of each user ID location, the upper bits
are not read. It is recommended that only the seven LSbs be used if MPLAB® IDE is the primary tool used
to read these addresses.
REGISTER 3-1:
REVISION ID: REVISION ID REGISTER(1)
RR
R
R
R
R
10
MJRREV5
MJRREV4
MJRREV3
MJRREV2
bit 13
bit 8
RR
R
R
R
R
R
R
MJRREV1
MJRREV0
MNREV5
MNREV4
MNREV3
MNREV2
MNREV1
MNREV0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
-n = Value at POR
W = Writable bit
U = Unimplemented bit, read as ‘0’ x = Bit is unknown
bit 13
Reserved: Read as ‘1’
bit 12
Reserved: Read as ‘0’
bit 11-6
MJRREV<5:0>: Major Revision ID bits
bit 5-0
MNREV<5:0>: Minor Revision ID bits
Note
1:
This location cannot be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com