Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4937-1YCPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4937-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4937-1/ADA4937-2
Data Sheet
Rev. F | Page 20 of 28
2.
For the source termination to be 50 Ω, the termination
resistor (RT) is calculated using RT||RIN = 50 Ω, which
makes RT equal to 61.9 Ω.
ADA4937
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VS
2V
50Ω
RT
61.9Ω
Figure 57. Adding Termination Resistor RT
3.
To compensate for the imbalance of the gain resistors,
a correction resistor (RTS) is added in series with the
inverting Input Gain Resistor RG. RTS is equal to the
Thevenin equivalent of the Source Resistance RS||RT.
RS
50Ω
VS
2V
RT
61.9Ω
RTH
27.4Ω
VTH
1.1V
Figure 58. Calculating Thevenin Equivalent
RTS = RTH = RS||RT = 27.4 Ω. Note that VTH is not equal to VS/2,
which is the case if the termination is not affected by the
amplifier circuit.
ADA4937
RL
VO
0.97V
+VS
–VS
RTH
27.4Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VTH
1.1V
RTS
27.4Ω
Figure 59. Balancing Gain Resistor RG
4.
The feedback resistor is calculated to adjust the output
voltage.
a.
To make the output voltage VOUT = 1 V, RF must be
calculated using the following formula:
Ω
207
1
.
1
)
4
.
27
200
(
1
)
(
TH
TS
G
OUT
F
V
R
R
V
R
To make VO = VS = 2 V to recover the loss due to the input
termination, RF must be
Ω
414
1
.
1
)
4
.
27
200
(
2
)
(
TH
TS
G
OUT
F
V
R
R
V
R
ADA4937
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
RF
VOCM
VS
2V
RT
61.9Ω
RTS
27.4Ω
Figure 60. Complete Single-Ended-to-Differential System
INPUT COMMON-MODE VOLTAGE RANGE IN
SINGLE-SUPPLY APPLICATIONS
The ADA4937-1/ADA4937-2 are optimized for level-shifting
ground-referenced input signals. As such, the center of the input
common-mode range is shifted approximately 1 V down from
midsupply. For 5 V single-supply operation, the input common-
mode range at the summing nodes of the amplifier is 0.3 V to
3.0 V, and 0.3 V to 1.2 V with a 3.3 V supply. To avoid clipping
at the outputs, the voltage swing at the +IN and −IN terminals
must be confined to these ranges.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4937-1/ADA4937-2 is internally biased
at a voltage approximately equal to the midsupply point, [(+VS) +
(−VS)]/2. Relying on this internal bias results in an output
common-mode voltage that is within about 100 mV of the
expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external source,
or resistor divider (10 kΩ or greater resistors), be used. The output
common-mode offset listed in Table 2 and Table 4 assumes that the
VOCM input is driven by a low impedance voltage source.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC. However, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM pin is approximately 10 kΩ. If multiple
ADA4937-1/ADA4937-2 devices share one reference output, it is
recommended that a buffer be used.
Table 10 and Table 11 list several common gain settings, asso-
ciated resistor values, input impedances, and output noise density
values for both balanced and unbalanced input configurations.
POWER-DOWN OPERATION
The ADA4937-1/ADA4937-2 power-down pin features an
internal 25 kΩ pull-up resistor to the positive supply (+VS).
This ensures that, with the power-down pin left unconnected
(floating), the ADA4937-1/ADA4937-2 turn on. Applying a
voltage of ≤1 V turns the ADA4937-1/ADA4937-2 off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com