Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4932-2YCPZ-R2
Description  Low Power, Differential ADC Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4932-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4932-2YCPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ADA4932-1/ADA4932-2
Data Sheet
Rev. E | Page 24 of 27
Another aspect of optimization is the selection of the power
supply voltages for the ADA4932-1. In the circuit, the output
common-mode voltage (VCM pin) of the AD7626 is 2.048 V
for the internal reference voltage of 4.096 V, and each input
(IN+, IN−) swings between 0 V and 4.096 V, 180° out of phase.
This provides an 8.2 V full-scale differential input to the ADC.
The ADA4932-1 output stage requires about 1.4 V headroom
with respect to each supply voltage for linear operation.
Optimum distortion performance is obtained when the supply
voltages are approximately symmetrical about the common-mode
voltage. If a negative supply of −2.5 V is chosen, then a positive
supply of at least +6.5 V is needed for symmetry about the
common-mode voltage of 2.048 V.
Experiments performed indicate that a positive supply of 7.25 V
gives the best overall distortion for a 2.4 MHz tone. Using a low
jitter clock source and a single tone −1 dBFS amplitude, 2.402 MHz
input to the AD7626 yielded the results shown in Figure 63 of
88.49 dB SNR and −86.17 dBc THD. At this input level, the ADC
limits the SFDR to 83.8 dB. As can be seen from the plot, the
harmonics of the fundamental alias back into the pass band.
For example, when sampling at 10 MSPS, the third harmonic
(7.206 MHz) is aliased into the pass band at 10.000 MHz –
7.206 MHz = 2.794 MHz.
FREQUENCY (MHz)
Figure 63. AD7626 Output, 64,000 Point, FFT Plot −1 dBFS Amplitude
2.40173 MHz Input Ton, 10.000 MSPS Sampling Rate
The nonharmonic noise admitted through the pass band of the
band-pass filter used in the circuit is replaced by the average
noise across the Nyquist bandwidth when calculating the SNR
and THD. The performance of this or any high speed circuit is
highly dependent on proper PCB layout. This includes, but is
not limited to, power supply bypassing, controlled impedance
lines (where required), component placement, signal routing,
and power and ground planes. For a more detailed analysis of
this circuit, refer to Circuit Note CN-0105.
2.4MHz
BPF
FROM
50Ω
SIGNAL
SOURCE
ADA4932-1
VCM
VDD1
VDD2
VIO
VOCM
AD8031
AD7626
0.1µF
0.1µF
+5V
+5V
+2.5V
+2.5V
R3
499Ω
R5
499Ω
R2
53.6Ω
R1
53.6Ω
C1
2.2nF
R4
39Ω
0.1µF
0.1µF
0.1µF
R7
499Ω
R6
499Ω
+2.048V
1
56
7
8
–FB
2
9
+IN
3–IN
4+FB
16 15 14
13
+7.25V
–2.5V
+VS
–VS
–OUT
+OUT
PAD
R8
33Ω
R9
33Ω
11
10
C5
56pF
C6
56pF
IN–
IN+
0V TO
+4.096V
+4.096V
TO 0V
GND
0.1µF
0.1µF
0.1µF
Figure 64. ADA4932-1 Driving the AD7626 (All Connections and Decoupling Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com