Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6171 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM6171 Datasheet HTML 9Page - National Semiconductor (TI) LM6171 Datasheet HTML 10Page - National Semiconductor (TI) LM6171 Datasheet HTML 11Page - National Semiconductor (TI) LM6171 Datasheet HTML 12Page - National Semiconductor (TI) LM6171 Datasheet HTML 13Page - National Semiconductor (TI) LM6171 Datasheet HTML 14Page - National Semiconductor (TI) LM6171 Datasheet HTML 15Page - National Semiconductor (TI) LM6171 Datasheet HTML 16Page - National Semiconductor (TI) LM6171 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
slew rate is proportional to the input voltage level, and the
higher slew rates are achievable in the lower gain configura-
tions.
When a very fast large signal pulse is applied to the input of
an amplifier, some overshoot or undershoot occurs. By plac-
ing an external series resistor such as 1 k
Ω to the input of
LM6171, the bandwidth is reduced to help lower the over-
shoot.
Layout Consideration
PRINTED CIRCUIT BOARDS AND HIGH SPEED OP
AMPS
There are many things to consider when designing PC
boards for high speed op amps. Without proper caution, it is
very easy and frustrating to have excessive ringing, oscilla-
tion and other degraded AC performance in high speed cir-
cuits. As a rule, the signal traces should be short and wide to
provide low inductance and low impedance paths. Any un-
used board space needs to be grounded to reduce stray sig-
nal pickup. Critical components should also be grounded at
a common point to eliminate voltage drop. Sockets add ca-
pacitance to the board and can affect frequency perfor-
mance. It is better to solder the amplifier directly into the PC
board without using any socket.
USING PROBES
Active (FET) probes are ideal for taking high frequency mea-
surements because they have wide bandwidth, high input
impedance and low input capacitance. However, the probe
ground leads provide a long ground loop that will produce er-
rors in measurement. Instead, the probes can be grounded
directly by removing the ground leads and probe jackets and
using scope probe jacks.
COMPONENTS SELECTION AND FEEDBACK
RESISTOR
It is important in high speed applications to keep all compo-
nent leads short because wires are inductive at high fre-
quency.
For
discrete
components,
choose
carbon
composition-type resistors and mica-type capacitors. Sur-
face mount components are preferred over discrete compo-
nents for minimum inductive effect.
Large values of feedback resistors can couple with parasitic
capacitance and cause undesirable effects such as ringing
or oscillation in high speed amplifiers. For LM6171, a feed-
back resistor of 510
Ω gives optimal performance.
Compensation for Input
Capacitance
The combination of an amplifier’s input capacitance with the
gain setting resistors adds a pole that can cause peaking or
oscillation. To solve this problem, a feedback capacitor with
a value
C
F > (RG xCIN)/RF
can be used to cancel that pole. For LM6171, a feedback ca-
pacitor of 2 pF is recommended.
Figure 1 illustrates the com-
pensation circuit.
Power Supply Bypassing
Bypassing the power supply is necessary to maintain low
power supply impedance across frequency. Both positive
and negative power supplies should be bypassed individu-
ally by placing 0.01 µF ceramic capacitors directly to power
supply pins and 2.2 µF tantalum capacitors close to the
power supply pins.
Termination
In high frequency applications, reflections occur if signals
are not properly terminated.
Figure 3 shows a properly termi-
nated signal while
Figure 4 shows an improperly terminated
signal.
DS012336-11
FIGURE 1. Compensating for Input Capacitance
DS012336-12
FIGURE 2. Power Supply Bypassing
DS012336-14
FIGURE 3. Properly Terminated Signal
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com