Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-2ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4938-2ACPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4938-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 14 of 26
26
24
22
20
18
16
14
12
10
10
500
100
FREQUENCY (MHz)
G = +1
G = +2
G = +4
Figure 37. Noise Figure vs. Frequency
0
60
55
50
45
40
35
30
25
20
15
10
5
10
–10
–8
–6
–4
–2
0
2
4
6
8
TIME (5ns/DIV)
VIN × 3.16
VOUT, dm
Figure 38. Overdrive Recovery Time (Pulse Input)
0
500
450
400
350
300
250
200
150
100
50
12
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
TIME (50ns/DIV)
VIN × 3.16
VOUT, dm
Figure 39. Overdrive Amplitude Characteristics (Triangle Wave Input)
100
10
1
10
100
1k
10k
100M
100k
1M
10M
FREQUENCY (Hz)
Figure 40. Input Voltage Noise vs. Frequency
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
TIME (200ns/DIV)
PD INPUT
NEGATIVE OUTPUT
Figure 41. Power-Down Response Time
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
45
40
35
30
25
20
15
10
5
0
VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 42. Supply Current vs. Power-Down Voltage and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com