Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-1YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4939-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-1YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4939-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4939-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4939-1/ADA4939-2
Data Sheet
Rev. A | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
–FB
+IN
–IN
+FB
–OUT
PD
+OUT
VOCM
PIN 1
INDICATOR
12
11
10
1
3
49
2
ADA4939-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD
MUST BE CONNECTED TO GROUND.
Figure 5. ADA4939-1 Pin Configuration
–IN1
+FB1
+VS1
+VS1
–FB2
+IN2
–VS2
–VS2
VOCM1
+OUT1
PD2
–OUT2
2
1
3
4
5
6
18
17
16
15
14
13
TOP VIEW
(Not to Scale)
ADA4939-2
NOTES
1. EXPOSED PAD. THE EXPOSED PAD
MUST BE CONNECTED TO GROUND.
Figure 6. ADA4939-2 Pin Configuration
Table 9. ADA4939-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−FB
Negative Output for Feedback Component Connection
2
+IN
Positive Input Summing Node
3
−IN
Negative Input Summing Node
4
+FB
Positive Output for Feedback Component Connection
5 to 8
+VS
Positive Supply Voltage
9
VOCM
Output Common-Mode Voltage
10
+OUT
Positive Output for Load Connection
11
−OUT
Negative Output for Load Connection
12
PD
Power-Down Pin
13 to 16
−VS
Negative Supply Voltage
EPAD
Exposed Pad. The exposed pad must be connected to ground.
Table 10. ADA4939-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1
Negative Input Summing Node 1
2
+FB1
Positive Output Feedback 1
3, 4
+VS1
Positive Supply Voltage 1
5
−FB2
Negative Output Feedback 2
6
+IN2
Positive Input Summing Node 2
7
−IN2
Negative Input Summing Node 2
8
+FB2
Positive Output Feedback 2
9, 10
+VS2
Positive Supply Voltage 2
11
VOCM2
Output Common-Mode Voltage 2
12
+OUT2
Positive Output 2
13
−OUT2
Negative Output 2
14
PD2
Power-Down Pin 2
15, 16
−VS2
Negative Supply Voltage 2
17
VOCM1
Output Common-Mode Voltage 1
18
+OUT1
Positive Output 1
19
−OUT1
Negative Output 1
20
PD1
Power-Down Pin 1
21, 22
−VS1
Negative Supply Voltage 1
23
−FB1
Negative Output Feedback 1
24
+IN1
Positive Input Summing Node 1
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com