Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNE2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MNE2000
Description  Ethernet LAN Card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MNE2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MNE2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers MNE2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical
Dimensions: 4.5” x 7.0”(including connector overhang)
Connectors
Thin Ethernet: BNC connector for RG58 A/U cable
Thick Ethernet: DB-15F
Twisted Pair: RJ-45
Environmental
Operating Temperature: 0 to +65
o Celsius
Non-condensing relative humidity: 5% to 95%
ORDERING INFORMATION
MCM-NE2000 STD Bus Ethernet LAN card
LPM-NE2000 CMOS STD Bus Ethernet LAN card
solely by the software thus providing a more user-
friendly Ethernet adapter. It is shipped from the facto-
ry with the EEPROM enabled and preprogrammed.
Monitor LEDs - LEDs are on the LPM/MCM-NE2000 to
provide a visual status of the module.
The green
Transmit and Receive LEDs light when the module is
transmitting data to or receiving data from the network.
The yellow Link Integrity LED lights when there is a
valid connection to a 10BASE-T concentrator and the
yellow Board Select LED lights when the module is
selected. The red LED lights when a collision is detect-
ed.
Software - The board emulates one of the most popular
Ethernet Adapter architectures - Novell’s NE2000
adapter. This means that most PC-compatible drivers,
utilities and Ethernet supported operating systems will
work directly with this module.
SPECIFICATIONS
Electrical
Interface Bus: STD-8088
Data rate: 10 megabits per second
Protocol: CSMA/CD
Memory socket: Accepts 27C256 EPROM or equiv.
I/O Addressing: 10-bit
Memory Addressing: 20 or 24-bit decoding
Power Requirements
Vcc = +5V +/- 5% at 100 mA, 400mA with DC/DC
converter enabled
Note: The AUI interface transceiver requires +12V,
refer to the adapter manufacturer’s specifica-
tion for current requirements.
715 Stadium Drive • Arlington, Texas 76011 • (817) 274-7553 • http://www.winsystems.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com