Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01EX Datasheet(PDF) 13 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 13 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 9Page - Analog Devices AMP01EX Datasheet HTML 10Page - Analog Devices AMP01EX Datasheet HTML 11Page - Analog Devices AMP01EX Datasheet HTML 12Page - Analog Devices AMP01EX Datasheet HTML 13Page - Analog Devices AMP01EX Datasheet HTML 14Page - Analog Devices AMP01EX Datasheet HTML 15Page - Analog Devices AMP01EX Datasheet HTML 16Page - Analog Devices AMP01EX Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 12 of 29
*MAKE NO ELECTRICAL CONNECTION
–VOP
OUTPUT
REFERENCE
TEST PIN*
–IN
VOOS NULL
SENSE
TEST PIN*
VOOS NULL
RG
V–
V+
+VOP
TEST PIN*
+IN
RS
RS
RG
VIOS NULL
VIOS NULL
AMP01
TOP VIEW
(Not to Scale)
1
2
3
4
20
19
18
17
5
16
6
15
7
14
8
13
9
12
10
11
Figure 4. 20-Lead SOIC
Table 9. 20-Lead SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RG
Gain Resistor Pin. Install a resistor between 200 kΩ and 100 Ω to Pin 20.
2
TEST PIN
Test Pin. Pin 2 is reserved for factory test. Do not connect.
3
−IN
Inverting Signal Input
4
VOOS NULL
Output Offset Voltage Null. Connect a 100 kΩ trimmer across Pin 4 and Pin 5 with wiper to negative supply voltage.
5
VOOS NULL
Output Offset Voltage Null. Connect a 100 kΩ trimmer across Pin 4 and Pin 5 with wiper to negative supply voltage.
6
TEST PIN
Test Pin. Pin 6 is reserved for factory test. Do not connect.
7
SENSE
This pin completes the feedback loop for the inverting input amplifier. Normally connected to the output.
8
REFERENCE
This pin shifts the output CMV. Normally connected to ground.
9
OUTPUT
Output of the In-Amp.
10
−VOP
Negative Supply Voltage for Output Amplifier.
11
V−
Negative Supply Voltage for Input Amplifiers.
12
V+
Positive Supply Voltage for Input Amplifiers.
13
+ VOP
Positive Supply Voltage for Output Amplifier.
14
RS
Scale Resistor. See the Gain section and Figure 32 for value.
15
RS
Scale Resistor. See the Gain section and Figure 32 for value.
16
VIOS NULL
Input Offset Voltage Null. Connect a 100 kΩ trimmer across Pin 16 and Pin 17 with wiper to negative supply voltage.
17
VIOS NULL
Input Offset Voltage Null. Connect a 100 kΩ trimmer across Pin 16 and Pin 17 with wiper to negative supply voltage.
18
+IN
Noninverting Signal Input.
19
TEST PIN
Test Pin. Pin 19 is reserved for factory test. Do not connect.
20
RG
Gain Resistor Pin. Install a resistor between 200 kΩ and 100 Ω to Pin 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com