Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01GSZ Datasheet(PDF) 17 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 13Page - Analog Devices AMP01GSZ Datasheet HTML 14Page - Analog Devices AMP01GSZ Datasheet HTML 15Page - Analog Devices AMP01GSZ Datasheet HTML 16Page - Analog Devices AMP01GSZ Datasheet HTML 17Page - Analog Devices AMP01GSZ Datasheet HTML 18Page - Analog Devices AMP01GSZ Datasheet HTML 19Page - Analog Devices AMP01GSZ Datasheet HTML 20Page - Analog Devices AMP01GSZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 16 of 29
100
10
11k
VOLTAGE GAIN (G)
6
3
4
5
2
1
0
VS = ±15V
Figure 23. Slew Rate vs. Voltage Gain
LOAD CAPACITANCE (F)
6
2
1µ
100p
4
100n
1n
10n
5
3
1
0
VS = ±15V
Figure 24. Slew Rate vs. Load Capacitance
VOLTAGE GAIN (G)
70
40
1k
50
100
10
1
60
30
20
10
VS = ±15V
20V STEP
Figure 25. Settling Time to 0.01% vs. Voltage Gain
FREQUENCY (Hz)
15
5
10k
1
10
1k
10
100
0
G = 1000
Figure 26. Voltage Noise Density vs. Frequency
VOLTAGE GAIN (G)
1k
1
10
100
11k
10
100
VS = ±15V
f = 1kHz
Figure 27. RTI Voltage Noise Density vs. Gain
POWER SUPPLY VOLTAGE (V)
8
7
0
0±5
±20
±10
±15
4
3
2
1
6
5
TA = +25°C
Figure 28. Positive Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com