Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6257 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6257 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS6257 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
2
www.mosanalog.com.tw
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP
MS6257TR
MS6257
2.5k Units Tape and Reel
8-Pin SOP
MS6257U
MS6257
100 Units Tube
8-Pin SOP (lead free)
MS6257GTR
MS6257G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6257GU
MS6257G
100 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-4500 to 4500
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
210
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com