Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6323 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS6323
Description  16-Bits Stereo Audio DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6323 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS6323 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6323 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1
2
www.mosanalog.com.tw
BLOCK DIAGRAM
LEFT OUTPUT LATCH
RIGHT OUTPUT LATCH
LEFT BIT SWITCHS
RIGHT BIT SWITCHS
16-BIT WEIGHT
CURRENT DIVIDER
16-BIT WEIGHT
CURRENT DIVIDER
LEFT INPUT LATCH
RIGHT INPUT LATCH
CONTROL
&
TIMING
BCK
WS
DATA
REFERENCE
SOURCE
1
2
3
4
5
V
DD
GND
10uF
R
F
I
BR
R
F
I
BL
V
REF
V
REF
V
OUT
LEFT
6
8
V
OUT
RIGHT
OP1
OP2
V
REF
0.1uF
7
1uF
CAP
REFERENCE
CURRENT
SOURCE
I
REF
I
BR
REFERENCE
CURRENT
SOURCE
I
REF
I
BL
Fig.1
Block diagram.
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP
MS6323ASTR
MS6323AS
2.5k Units Tape and Reel
8-Pin SOP
MS6323ASU
MS6323AS
100 Units Tube
8-Pin SOP (lead free)
MS6323ASGTR
MS6323ASG
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6323ASGU
MS6323ASG
100 Units Tube
8-Pin MSOP
MS6323ASMTR
6323
3.5k Units Tape and Reel
8-Pin MSOP
MS6323ASMU
6323
80 Units Tube
8-Pin MSOP (lead free)
MS6323ASMGTR
6323G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6323ASMGU
6323G
80 Units Tube



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com