Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6311ASU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS6311ASU
Description  Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6311ASU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS6311ASU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOSA ELECTRONICS
MS6311
Stereo Audio DAC
- 4 -
www.mosanalog.com.tw
TIMING AND DATA FORMAT
The MS6311 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB (bit 1) must always be first. The format of data input is shown in Figs. 2 and 3. With a HIGH
level on the word select input (WS), data is placed in the left input register and with LOW level on the WS input, data is
placed in the right register (Fig. 1). The data in the input registers are simultaneously latched in the output registers
which control the bit switches. Internal bias currents IBL and IBR are each added to the full scale output current IFS in
order to achieve the maximum dynamic range at the outputs of OP1 and OP2(Fig. 1). The reference voltage Vref (Fig. 1)
is approximately 2/3 VDD. In this way the maximum dynamic range is achieved over the entire power supply range.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.2
Timing and input signals.
0
1
2
15
14
13
210
MSB
LSB
15
14
13
21
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.3
Format of input signals.
MEASUREMENT BLOCK DIAGRAM
R-ch
L-ch
AC Level(Vrms)
THD
THD+N
Generate
sinewave pattern for
BCK.WS.DATA
MS6311
f = 1 kHz
2Vp-p
sinewave
Pattern
Generator
DAC
OPAmp
Analysis
Equipment
NOTE : THD and THD+N is measured by HP AUDIO ANALYZER and FFT Analysis.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com