Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6323ASGU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS6323ASGU
Description  16-Bits Stereo Audio DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6323ASGU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS6323ASGU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6323ASGU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1
1
www.mosanalog.com.tw
16-Bits Stereo Audio DAC
Low Power Consumption
Low Voltage, Excellent PSRR
FEATURES
‧Operation range: 2.7V~5.5V
‧Excellent Power Supply Rejection Ratio(PSRR)
‧Low operating current
‧Low power consumption
8mW at VDD=3.3V (Full scale output )
‧Low distortion
‧No zero crossing distortion
‧Wide dynamic range(16-bit resolution)
‧Voltage Output
‧Fast setting time permits 2*, 4*, and 8* oversampling
(serial
input)
or
double
speed
operation
at
4*
oversampling
‧Compatible with most of the Japanese input formats;
time multiplexed, two's complement, CMOS input level
‧Output voltage swing is proportional to supply voltage
(VOPP=VDD/2)
‧ Cost efficient
‧ Space saving package SOP8, MSOP8
APPLICATIONS
‧Multimedia system
‧MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6323 is a 16-bit voltage-output Digital-to-Analog Converter(DAC). It gives the excellent Power Supply
Rejection Ratio(PSRR). It features extremely low power dissipation, small package size and easy application. The
accuracy of the weight current sources, combined with the unique symmetrical decoding method, preclude zero-
crossing distortion and ensures high quality audio reproduction. These unique features, combined with its exceptional
performance, make the MS6323 ideally suited for use in portable audio equipment. MS6323 is pin and function
compatible with MS6313.
PIN CONFIGURATION
Symbol
Pin
Description
BCK
1
Bit clock input
WS
2
Word select input
DATA
3
Data input
GND
4
Ground
VDD
5
Positive supply voltage
VOL
6
Left channel output
Cap
7
Cap
VOR
8
Right channel output
7
6
5
8
2
3
4
1
MS6323
V
OR
Cap
V
OL
V
DD
BCK
WS
DATA
GND
Pin 7 : Capacitor = 1
µF (ripple rejection)


Similar Part No. - MS6323ASGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6323ASGU MOSA-MS6323ASGU Datasheet
231Kb / 9P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323ASGU MOSA-MS6323ASGU Datasheet
309Kb / 11P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results

Similar Description - MS6323ASGU

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6323 MOSA-MS6323 Datasheet
231Kb / 9P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323 MOSA-MS6323_1 Datasheet
309Kb / 11P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6610 MOSA-MS6610_1 Datasheet
260Kb / 7P
16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6324 MOSA-MS6324 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption
MS6324 MOSA-MS6324_26 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com