Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6181 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6181 Datasheet HTML 1Page - National Semiconductor (TI) LM6181 Datasheet HTML 2Page - National Semiconductor (TI) LM6181 Datasheet HTML 3Page - National Semiconductor (TI) LM6181 Datasheet HTML 4Page - National Semiconductor (TI) LM6181 Datasheet HTML 5Page - National Semiconductor (TI) LM6181 Datasheet HTML 6Page - National Semiconductor (TI) LM6181 Datasheet HTML 7Page - National Semiconductor (TI) LM6181 Datasheet HTML 8Page - National Semiconductor (TI) LM6181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±18V
Differential Input Voltage
±6V
Input Voltage
±Supply Voltage
Inverting Input Current
15 mA
Soldering Information
Dual-In-Line Package (N)
Soldering (10 sec)
260˚C
Small Outline Package (M)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Output Short Circuit
(Note 7)
Storage Temperature Range
−65˚C
≤ T
J ≤ +150˚C
Maximum Junction Temperature
150˚C
ESD Rating (Note 2)
±3000V
Operating Ratings
Supply Voltage Range
7V to 32V
Junction Temperature Range (Note 3)
LM6181AM
−55˚C
≤ T
J ≤ +125˚C
LM6181AI, LM6181I
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA, θJC)
8-pin DIP (N)
102˚C/W, 42˚C/W
8-pin SO (M-8)
153˚C/W, 42˚C/W
16-pin SO (M)
70˚C/W, 38˚C/W
±15V DC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, R
F = 820Ω, and RL = 1kΩ unless otherwise noted. Boldface
limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
LM6181AM
LM6181AI
LM6181I
Units
Typical
Limit
Typical
Limit
Typical
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
VOS
Input Offset Voltage
2.0
3.0
2.0
3.0
3.5
5.0
mV
4.0
3.5
5.5
max
TC
VOS
Input Offset Voltage Drift
5.0
5.0
5.0
µV/˚C
IB
Inverting Input Bias Current
2.0
5.0
2.0
5.0
5.0
10
µA
max
12.0
12.0
17.0
Non-Inverting Input Bias Current
0.5
1.5
0.5
1.5
2.0
3.0
3.0
3.0
5.0
TC IB
Inverting Input Bias Current Drift
30
30
30
nA/˚C
Non-Inverting Input Bias
10
10
10
Current Drift
IB
Inverting Input Bias Current
VS = ±4.5V, ±16V
0.3
0.5
0.3
0.5
0.3
0.75
µA/V
max
PSR
Power Supply Rejection
3.0
3.0
4.5
Non-Inverting Input Bias Current
VS = ±4.5V, ±16V
0.05
0.5
0.05
0.5
0.05
0.5
Power Supply Rejection
1.5
1.5
3.0
IB
Inverting Input Bias Current
−10V
≤ V
CM ≤ +10V
0.3
0.5
0.3
0.5
0.3
0.75
CMR
Common Mode Rejection
0.75
0.75
1.0
Non-Inverting Input Bias Current
−10V
≤ V
CM ≤ +10V
0.1
0.5
0.1
0.5
0.1
0.5
Common Mode Rejection
0.5
0.5
0.5
CMRR
Common Mode Rejection Ratio
−10V
≤ V
CM ≤ +10V
60
50
60
50
60
50
dB
50
50
50
min
PSRR
Power Supply Rejection Ratio
VS = ±4.5V, ±16V
80
70
80
70
80
70
dB
70
70
65
min
RO
Output Resistance
AV = −1, f = 300 kHz
0.2
0.2
0.2
Ω
RIN
Non-Inverting Input Resistance
10
10
10
M
Ω
min
VO
Output Voltage Swing
RL = 1kΩ
12
11
12
11
12
11
V
min
11
11
11
RL = 100Ω
11
10
11
10
11
10
7.5
8.0
8.0
ISC
Output Short Circuit Current
130
100
130
100
130
100
mA
75
85
85
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com