Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4004L Datasheet(PDF) 1 Page - Powertip Technology

Part # PC4004L
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC4004L Datasheet(HTML) 1 Page - Powertip Technology

  PC4004L Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC 4004-L
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
280.0 x 88.0
244.0 x 68.0
1.00 x 1.77
1.05 x 1.82
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
5.3 / 9.9
5.3 / 9.9
/
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
4.3
4.3
3.9
Vdd=5V
3.6
3.9
4.4
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
4.9
4.5
4.2
4.9
5.0
4.5
V
V
V
V
V
mA
mA
mA
7
N W
4.6
4.6
4.2
3.9
4.2
4.7
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E1
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable 1
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
15
16
E2
NC/Vee
Enable 2
NC or Negative voltage
4
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
Power supply voltage
Vdd-Vss
25oC
2.7
5.5
V
PC 4004-L
5.2
1.0
6.0
0.05
H2
H2
2.95
1.6
6- 1.0
A
K
4- 3.2
140.0
272.0
16- 1.0
4.0
1
16
239.2
244.0
264.0
280.0 0.5
LCD
CONTROLLER
LSI1
LCD
CONTROLLER
LSI2
DB7
DB0
E1
R/W
RS
Vss
Vdd
Vo
VEE
E2
A
K
13
13
COM 16
COM 16
SEG 40
CONTROL SIGNALS 2 x 2
CONTROL SIGNALS 2 x 2
LCD PANEL
BACKLIGHT
SEGMENT DRIVER x 2
SEG 160
SEGMENT DRIVER x 2
SEG 40
NEGATIVE VOLTAGE GENERATER
SEG 160


Similar Part No. - PC4004L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC4004-A POWERTIP-PC4004-A Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC4004-D POWERTIP-PC4004-D Datasheet
71Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC4004A-O P-TEC-PC4004A-O Datasheet
32Kb / 2P
Character LCD Display
PC4004B-O P-TEC-PC4004B-O Datasheet
32Kb / 2P
Character LCD Display
PC4004D-O P-TEC-PC4004D-O Datasheet
306Kb / 20P
FOR 40 x 4 LCD MODULE
More results

Similar Description - PC4004L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com