Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG19 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG19
Description  Automotive oriented design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG19 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG19 Datasheet HTML 1Page - American Electronic Components, inc DG19 Datasheet HTML 2Page - American Electronic Components, inc DG19 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover
protection
and mounting
Coil code
Options
D
G
1
9
-
-
5
-
-
Contact material
10
-
AgCdO
See coil table 1
20
-
AgNi (90/10)
30
-
AgSnO
2 **
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
31
-
SPST-NC (1N/C, 1 Form B)
Cover protection category
1
-
no cover, IP00
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
Footprint style
11
-
European footprint / pin configuration
81
-
US footprint / pin configuration (covered style with 1 less terminal - see Fig. 2)
81D -
“Old” US covered footprint / pin configuration with extra terminal (Fig. 3)
DG19
pcb automotive / industrial relay
Ref: DG19 051216JHM
Coil Data
Table 1
Coil Voltage Code
Nominal
Voltage (VDC)
Coil
Resistance (Ω)
±10% at 20°C
Must Operate
Voltage Max.
(VDC)
Max.Allowable
Voltage (VDC)*
Must Release
Voltage min. (VDC)
1006
6
19
3.3
8
0.6
1012
12
90
6.8
16
1.2
1024
24
362
13.9
31
2.4
* At ambient temperature of 85’C, maximum allowable voltage should be reduced to 72%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are subject to change without notice. E&OE.
Notes:
** Contact rating for SPDT DG19-3011-*5-****-** is 40A for the normally open contact and 30A for the normally closed contact, but is marked 30A 14VDC to avoid inadvertent
application of too much current on the normally closed contact.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com