Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM11
Description  Vertical Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM11 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM11 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM11 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-48
Model HM11 Series
OUTLINE DIMENSIONS (Inch/mm)
"C" Max.
Dia.
Schematic
"A" Max.
"B" Typical
Plated Leads
Wire Gauge
10 to 20 AWG
High Saturation
Flux Density
.14
±.02
3.6
±0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com